Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9806 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA9806
Description  Multistandard VIF-PLL and FM-PLL demodulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9806 Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA9806 Datasheet HTML 1Page - NXP Semiconductors TDA9806 Datasheet HTML 2Page - NXP Semiconductors TDA9806 Datasheet HTML 3Page - NXP Semiconductors TDA9806 Datasheet HTML 4Page - NXP Semiconductors TDA9806 Datasheet HTML 5Page - NXP Semiconductors TDA9806 Datasheet HTML 6Page - NXP Semiconductors TDA9806 Datasheet HTML 7Page - NXP Semiconductors TDA9806 Datasheet HTML 8Page - NXP Semiconductors TDA9806 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1995 Sep 05
5
Philips Semiconductors
Preliminary specification
Multistandard VIF-PLL and
FM-PLL demodulator
TDA9806
PINNING
SYMBOL
PIN
DESCRIPTION
Vi VIF1
1
VIF differential input signal voltage 1
Vi VIF2
2
VIF differential input signal voltage 2
n.c.
3
not connected
n.c.
4
not connected
n.c.
5
not connected
TADJ
6
tuner AGC takeover adjust (TOP)
TPLL
7
PLL loop filter
n.c.
8
not connected
n.c.
9
not connected
Vo CVBS
10
CVBS output signal voltage
n.c.
11
not connected
VoAF
12
audio voltage frequency output
DEEMI
13
de-emphasis input
DEEMO
14
de-emphasis output
CDEC
15
decoupling capacitor
n.c.
16
not connected
ViFM
17
sound intercarrier input voltage
n.c.
18
not connected
TAGC
19
tuner AGC output
Vo(int)
20
sound intercarrier output voltage
Vo(vid)
21
composite video output voltage
Vi(vid)
22
video buffer input voltage
AFC
23
AFC output
VCO1
24
VCO1 reference circuit for 2fPC
VCO2
25
VCO2 reference circuit for 2fPC
Cref
26
1
2VP reference capacitor
GND
27
ground
CVAGC
28
VIF AGC capacitor
VP
29
supply voltage
n.c.
30
not connected
n.c.
31
not connected
n.c.
32
not connected
Fig.2 Pin configuration.
handbook, halfpage
TDA9806
MHA053
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
V
V
TADJ
T
V
V
n.c.
n.c.
n.c.
n.c.
n.c.
n.c.
n.c.
V
C
GND
n.c.
n.c.
n.c.
C
VCO2
VCO1
AFC
V
V
V
TAGC
n.c.
o AF
DEEM I
DEEM O
C DEC
o CVBS
PLL
i VIF2
i VIF1
P
VAGC
ref
Vi FM
o(int)
o(vid)
i(vid)


Numéro de pièce similaire - TDA9806

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9800T PHILIPS-TDA9800T Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9801T PHILIPS-TDA9801T Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
More results

Description similaire - TDA9806

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
logo
TEMIC Semiconductors
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
   Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com