Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9801 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TDA9801
Description  Single standard VIF-PLL demodulator and FM-PLL detector
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9801 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TDA9801 Datasheet HTML 5Page - NXP Semiconductors TDA9801 Datasheet HTML 6Page - NXP Semiconductors TDA9801 Datasheet HTML 7Page - NXP Semiconductors TDA9801 Datasheet HTML 8Page - NXP Semiconductors TDA9801 Datasheet HTML 9Page - NXP Semiconductors TDA9801 Datasheet HTML 10Page - NXP Semiconductors TDA9801 Datasheet HTML 11Page - NXP Semiconductors TDA9801 Datasheet HTML 12Page - NXP Semiconductors TDA9801 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
1999 Aug 26
9
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator
and FM-PLL detector
TDA9801
Io(sink)(max)
maximum AC and DC
output sink current
1.4
−−
mA
Io(source)(max)
maximum AC and DC
output source current
2.0
−−
mA
Bv(−3dB)
−3 dB video bandwidth
CL < 50 pF; RL >1kΩ
710
MHz
α
H(sup)
harmonics suppression in
video signal
CL < 50 pF; RL >1kΩ;
note 10
35
40
dB
PSRRVSO
power supply ripple
rejection at pin VSO
see Fig.7
32
35
dB
Buffer amplifier and noise clipper input: pin VI
Ri
input resistance
2.6
3.3
4.0
k
Ci
input capacitance
1.4
2
3.0
pF
VI
DC input voltage
pin VI not connected
1.5
1.8
2.1
V
Buffer amplifier output: pin CVBS
Gv
voltage gain
note 11
6
7
7.5
dB
Bv(−3dB)
−3 dB video bandwidth
CL < 20 pF; RL >1kΩ
811
MHz
Vo(v)(p-p)
video output voltage
(peak-to-peak value)
sound carrier off;
see Fig.12
1.7
2.0
2.3
V
Vv(clu)
upper video clipping
voltage level
3.9
4.0
V
Vv(cll)
lower video clipping voltage
level
1.0
1.1
V
Vsync
sync pulse voltage level
1.35
V
Ro
output resistance
−−
10
Ibias
DC bias current
internal emitter-follower at
pin CVBS
1.8
2.5
mA
Io(sink)(max)
maximum AC and DC
output sink current
1.4
−−
mA
Io(source)(max)
maximum AC and DC
output source current
2.4
−−
mA
Measurements from VIF inputs to CVBS output (330
Ω connected between pins VSO and VI, sound carrier off)
Vo(CVBS)(p-p)
CVBS output voltage
(peak-to-peak value)
VP = 5 V
1.7
2.0
2.3
V
VP = 9 V
1.8
2.2
2.6
V
∆V
o(CVBS)
deviation of CVBS output
voltage
at B/G standard
50 dB gain control
−−
0.5
dB
30 dB gain control
−−
0.1
dB
∆V
o(bl)
black level tilt
gain variation; note 12
−−
1%
Gdif
differential gain
“CCIR, line 330” or
“NTC-7 Composite”
25
%
ϕ
dif
differential phase
“CCIR, line 330” or
“NTC-7 Composite”
2
4
deg
Bv(−3dB)
−3 dB video bandwidth
CL < 20 pF; RL >1kΩ
68
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Numéro de pièce similaire - TDA9801

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9800T PHILIPS-TDA9800T Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9802T PHILIPS-TDA9802T Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
More results

Description similaire - TDA9801

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
   Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
TDA9809M PHILIPS-TDA9809M Datasheet
186Kb / 40P
   Single standard multimedia IF-PLL and FM radio demodulator
1998 Jan 08
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com