Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9605 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce TDA9605
Description  Audio processor with head amplifier for VHS hi-fi
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9605 Fiches technique(HTML) 3 Page - NXP Semiconductors

  TDA9605 Datasheet HTML 1Page - NXP Semiconductors TDA9605 Datasheet HTML 2Page - NXP Semiconductors TDA9605 Datasheet HTML 3Page - NXP Semiconductors TDA9605 Datasheet HTML 4Page - NXP Semiconductors TDA9605 Datasheet HTML 5Page - NXP Semiconductors TDA9605 Datasheet HTML 6Page - NXP Semiconductors TDA9605 Datasheet HTML 7Page - NXP Semiconductors TDA9605 Datasheet HTML 8Page - NXP Semiconductors TDA9605 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
1999 Apr 14
3
Philips Semiconductors
Product specification
Audio processor with head amplifier for VHS hi-fi
TDA9605H
1
FEATURES
• All functions controlled via the serial 2-wire I2C-bus
• Integrated standby modes for low power consumption
• Audio FM head amplifier:
– Programmable recording current
– Programmable playback amplification
– Fast record-mute mode control input.
• Hi-fi signal processing:
– Adjustment free
– High performance
– Low distortion switching noise suppressor
– NTSC and PAL (SECAM) system.
• Linear audio input:
– Programmable (playback) level.
• 5 stereo inputs and additional mono Second Audio
Program (SAP) input
• 2 stereo outputs (line and decoder) with independent
output select function
• RF converter output with overload-protection AGC
• Integrated output power muting
• Audio level meter output
• Extensive input and output select function
• Full support of video recorder feature modes.
2
GENERAL DESCRIPTION
The TDA9605H is a single-chip device in a small package
that contains all the required functions, including the head
amplifier, to realize the audio FM hi-fi stereo system in a
VHS video recorder (see Fig.1). The device is adjustment
free by use of an integrated auto-calibration system.
Extensive signal select functions are offered to support
pay-TV decoding and video recorder feature modes.
The high performance and functionality of the TDA9605H
comprises world-wide system and application
requirements for NTSC, PAL, SECAM and multi-standard
video recorders from basic up to high-end models.
3
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9605H
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2


Numéro de pièce similaire - TDA9605

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9610 PHILIPS-TDA9610 Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9614H PHILIPS-TDA9614H Datasheet
570Kb / 60P
   Audio processor for VHS hi-fi and linear audio
1995 Mar 21
TDA9615 PHILIPS-TDA9615 Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
More results

Description similaire - TDA9605

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
NXP Semiconductors
TDA9614H PHILIPS-TDA9614H Datasheet
570Kb / 60P
   Audio processor for VHS hi-fi and linear audio
1995 Mar 21
TDA9859H NXP-TDA9859H Datasheet
108Kb / 24P
   Universal hi-fi audio processor for TV
2001 Jul 11
TDA9859 PHILIPS-TDA9859 Datasheet
113Kb / 20P
   Universal hi-fi audio processor for TV
1997 Sep 01
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com