Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4148 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 1N4148
Description  High-speed diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1N4148 Fiches technique(HTML) 5 Page - NXP Semiconductors

  1N4148 Datasheet HTML 1Page - NXP Semiconductors 1N4148 Datasheet HTML 2Page - NXP Semiconductors 1N4148 Datasheet HTML 3Page - NXP Semiconductors 1N4148 Datasheet HTML 4Page - NXP Semiconductors 1N4148 Datasheet HTML 5Page - NXP Semiconductors 1N4148 Datasheet HTML 6Page - NXP Semiconductors 1N4148 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1996 Apr 15
5
Philips Semiconductors
Product specification
High-speed diodes
1N4148; 1N4446; 1N4448
Fig.5
Reverse current as a function of
junction temperature.
(1) VR = 75 V; typical values.
(2) VR = 20 V; typical values.
handbook, halfpage
0
100
Tj (
oC)
200
103
102
10−1
10−2
10
(1)
1
IR
(
µA)
MGD290
(2)
Fig.6
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj = 25 °C.
handbook, halfpage
0
10
20
1.2
1.0
0.6
0.4
0.8
MGD004
VR (V)
Cd
(pF)


Numéro de pièce similaire - 1N4148

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
logo
Zhaoxingwei Electronics...
1N4148 ZHAOXINGWEI-1N4148 Datasheet
45Kb / 1P
   Silicon Epitaxial Planar Diode
logo
Won-Top Electronics
1N4148 WTE-1N4148 Datasheet
42Kb / 4P
   FAST SWITCHING DIODE
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
logo
Dc Components
1N4148 DCCOM-1N4148 Datasheet
180Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
More results

Description similaire - 1N4148

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BA316 PHILIPS-BA316 Datasheet
39Kb / 7P
   High-speed diodes
1996 Sep 03
1N4148113 NXP-1N4148113 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
   High-speed diodes
1999 May 27
PMLL4150 PHILIPS-PMLL4150 Datasheet
37Kb / 9P
   High-speed diodes
1996 Sep 18
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
1N4148 NXP-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
1N4531 PHILIPS-1N4531_15 Datasheet
127Kb / 9P
   High-speed diodes
1996 Sep 03
1N4531 NXP-1N4531 Datasheet
127Kb / 9P
   High-speed diodes
April 1996
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
1N4148_1N4448 PHILIPS-1N4148_1N4448_15 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com