Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9605H Fiches technique(PDF) 32 Page - NXP Semiconductors

No de pièce TDA9605H
Description  Audio processor with head amplifier for VHS hi-fi
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9605H Fiches technique(HTML) 32 Page - NXP Semiconductors

Back Button TDA9605H Datasheet HTML 28Page - NXP Semiconductors TDA9605H Datasheet HTML 29Page - NXP Semiconductors TDA9605H Datasheet HTML 30Page - NXP Semiconductors TDA9605H Datasheet HTML 31Page - NXP Semiconductors TDA9605H Datasheet HTML 32Page - NXP Semiconductors TDA9605H Datasheet HTML 33Page - NXP Semiconductors TDA9605H Datasheet HTML 34Page - NXP Semiconductors TDA9605H Datasheet HTML 35Page - NXP Semiconductors TDA9605H Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
1999 Apr 14
32
Philips Semiconductors
Product specification
Audio processor with head amplifier for VHS hi-fi
TDA9605H
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
9
THERMAL CHARACTERISTICS
10 GENERAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
0
13.2
V
VCCH
head amplifier supply voltage
0
5.5
V
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
0
70
°C
Ves
electrostatic handling voltage
machine model
−300
+300
V
human body model
−3000
+3000
V
Ilu(prot)
latch-up protection current on
Tj = 100 °C
pin HSMW
−70
+100
mA
pin SDA
−60
+100
mA
all other pins
−100
+100
mA
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
60
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCC
supply voltage
VCCS = 0
8.1
9
13.2
V
VCCS = 1
8.1
12
13.2
V
VCCH
head amplifier supply voltage
4.75
5
5.5
V
ICC
supply current
standard operating mode
36
48
mA
active standby (STBA = 1)
812
mA
passive standby (STBP = 1)
46mA
ICCH
head amplifier supply current
playback mode
21
28
mA
record-mute mode
18
24
mA
record mode (HAC = 000)
23
31
mA
record mode (HAC = 011)
35
47
mA
record mode, (HAC = 111)
67
89
mA
active or passive standby
(STBA = 1 or STBP = 1)
0
mA


Numéro de pièce similaire - TDA9605H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9610 PHILIPS-TDA9610 Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9614H PHILIPS-TDA9614H Datasheet
570Kb / 60P
   Audio processor for VHS hi-fi and linear audio
1995 Mar 21
TDA9615 PHILIPS-TDA9615 Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
More results

Description similaire - TDA9605H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
NXP Semiconductors
TDA9614H PHILIPS-TDA9614H Datasheet
570Kb / 60P
   Audio processor for VHS hi-fi and linear audio
1995 Mar 21
TDA9859H NXP-TDA9859H Datasheet
108Kb / 24P
   Universal hi-fi audio processor for TV
2001 Jul 11
TDA9859 PHILIPS-TDA9859 Datasheet
113Kb / 20P
   Universal hi-fi audio processor for TV
1997 Sep 01
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com