Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


TDA9605H Datasheet(Fiches technique) 4 Page - NXP Semiconductors

Numéro de pièce TDA9605H
Description  Audio processor with head amplifier for VHS hi-fi
Télécharger  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

 
 4 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGR834
M
M
M
M
TUL
SAP
VCCH
GNDH
PBIN1
PBIN2
RECOUT
HMSW
1
TUNL
2
TUNR
3
CINL
4
40
39
37
35
36
38
CINR
5
EXT1L
6
EXT1R
7
EXT2L
SAP
TUL
TUR
E1L
E1R
E2L
E2R
8
EXT2R
9
AUXL
10
AUXR
N
dub
11
normal select
input select
volume right
M
normal
input
level
RF converter
mute
volume left
decoder
select
+1 dB 12 V
TDA9605H
1.7 or 1.8 MHz
SAP
21
22
LINOUT LININ
TUR
DCL
DCR
HID
HID
SDA
SCL
DCFBL
26
25
EMPHL
24
DCL
23
DETL
DCFBR
EMPHR
DCR
DETR
TUL
E1L
SAP
TUR
E1R
E2L
E2R
VCC
SAP
+
+
+
+
+
+
41
44
42
43
standby select
SUPPLY
VCC
GND
Vref
Iref
34
27
29
28
playback.
+
record-mute,
recording
M
+
E2L
E2R
+
HF LFP
L
DCR
R
N
dub
HF LIMITER
PEAK HOLD
LEVEL
DETECTOR
PLL
CCO
(1.7 or
1.8 MHz)
LEVEL
DETECTOR
DROPOUT
CANCELING
HI-FI
DETECTOR
1.3 or 1.4 MHz
HF LFP
HF AGC
M
carrier ratio select,
record-mute
playback head
amplification,
record head
current
HF LIMITER
PLL
CCO
(1.3 or
1.4 MHz)
envelope output
select
+ record
envelope
output
select
+ playback
DCL
MUTEL
MUTER
LINEL
DECR
DECL
LINER
RFCOUT
MUTEC
mute
R
L
PEAK HOLD
AUTO-MUTE
line select
output select
AUTN
AUTN
M
NOISE
SUPPRESSION
NOISE
SUPPRESSION
RECTIFIER
NOISE REDUCTION
FM (DE-)MODULATOR
HEAD AMPLIFIER
I/O CONTROL
CCA
W
+ FM
5th ORDER
AUDIO LPF
COMPRESSOR
EXPANDER
DETECTOR
AUDIO
CLIPPER
I2C-BUS
INTERFACE
M = mute
I2C-bus
control
HID
RM
RMHID
ENVOUT
RM
19
20
16
15
17
18
13
14
AUDIO
CLIPPER
12
RFCAGC
30
31
32
33
RECTIFIER
CCA
W
+ FM
5th ORDER
AUDIO LPF
COMPRESSOR
EXPANDER
DETECTOR
Fig.1 Block diagram.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TDA9610HAudio FM processor for VHS hi-fi audio 1 2 3 4 5 MoreNXP Semiconductors
TDA9614HAudio processor for VHS hi-fi and linear audio 1 2 3 4 5 MoreNXP Semiconductors
TDA9615HAudio processor for VHS hi-fi 1 2 3 4 5 MoreNXP Semiconductors
TA1246FHI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR 1 2 3 4 5 MoreToshiba Semiconductor
HA12155NTAudio Signal Processor for Cassette Deck Dolby B/C-type NR with Recording System 1 2 3 4 5 MoreHitachi Semiconductor
AN3316KRecording/Playback Amplifier IC for VCR Hi-Fi Audio 1 2 Panasonic Semiconductor
HA12163Audio Signal Processor for Car Deck and Cassette Deck Dolby B-type NR with PB Amp 1 2 3 4 5 MoreHitachi Semiconductor
SAP15PDarlington transistors with built-in temperature compensation diodes for audio amplifier applications 1 2 3 4 5 MoreSanken electric
HA12173Audio Signal Processor for Car Deck and Cassette Deck Dolby B/C-type NR with PB Amp 1 2 3 4 5 MoreHitachi Semiconductor
LA71525MVideo/audio signal processor for VHS VCRs 1 2 3 4 5 MoreSanyo Semicon Device

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl