Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9150B Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce TDA9150B
Description  Programmable deflection controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9150B Fiches technique(HTML) 2 Page - NXP Semiconductors

  TDA9150B Datasheet HTML 1Page - NXP Semiconductors TDA9150B Datasheet HTML 2Page - NXP Semiconductors TDA9150B Datasheet HTML 3Page - NXP Semiconductors TDA9150B Datasheet HTML 4Page - NXP Semiconductors TDA9150B Datasheet HTML 5Page - NXP Semiconductors TDA9150B Datasheet HTML 6Page - NXP Semiconductors TDA9150B Datasheet HTML 7Page - NXP Semiconductors TDA9150B Datasheet HTML 8Page - NXP Semiconductors TDA9150B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
July 1994
2
Philips Semiconductors
Preliminary specification
Programmable deflection controller
TDA9150B
FEATURES
General
• 6.75, 13.5 and 27 MHz clock frequency
• Few external components
• Synchronous logic
• I2C-bus controlled
• Easy interfacing
• Low power
• ESD protection
• Flash detection with restart
• Two-level sandcastle pulse.
Vertical deflection
• Self adaptive 16-bit precision vertical scan
• DC coupled deflection to prevent picture bounce
• Programmable fixed compression to 75%
• S-correction can be preset
• S-correction setting independent of the field frequency
• Differential output for high DC stability
• Current source outputs for high EMC immunity
• Programmable de-interlace phase.
East-West correction
• DC coupled EW correction to prevent picture bounce
• 2nd and 4th order geometry correction can be preset
• Trapezium correction
• Geometry correction settings are independent of field
frequency
• Self adaptive Bult generator prevents ringing of the
horizontal deflection
• Current source output for high EMC immunity.
Horizontal deflection
• Phase 2 loop with low jitter
• Internal loop filter
• Dual slicer horizontal flyback input
• Soft start by I2C-bus
• Over voltage protection/detection with selection and
status bit.
EHT correction
• Input selection between aquadag or EHT bleeder
• Internal filter.
GENERAL DESCRIPTION
The TDA9150B is a programmable deflection controller
contained in a 20-pin DIP package and constructed using
BIMOS technology. This high performance
synchronization and DC deflection processor has been
especially designed for use in both digital and analog
based TV receivers and monitors, and serves horizontal
and vertical deflection functions for all TV standards. The
TDA9150B uses a line-locked clock at 6.75, 13.5 or
27 MHz, depending on the line frequency and application,
and requires only a few external components. The device
is self-adaptive for a number of functions and is fully
programmable via the I2C-bus.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA9150B
20
DIP
plastic
SOT146-1


Numéro de pièce similaire - TDA9150B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
   Programmable deflection controller
July 1994
More results

Description similaire - TDA9150B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
   Programmable deflection controller
July 1994
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
logo
Siemens Semiconductor G...
SDA9361 SIEMENS-SDA9361 Datasheet
237Kb / 47P
   DDC-PLUS-Deflection Controller
SDA9362 SIEMENS-SDA9362 Datasheet
199Kb / 39P
   DDC-PLUS-Deflection Controller
logo
NXP Semiconductors
TDA4858 PHILIPS-TDA4858 Datasheet
260Kb / 44P
   Economy Autosync Deflection Controller (EASDC)
1997 Oct 27
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com