Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8920TH Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA8920TH
Description  2 x 50 W class-D power amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8920TH Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA8920TH Datasheet HTML 1Page - NXP Semiconductors TDA8920TH Datasheet HTML 2Page - NXP Semiconductors TDA8920TH Datasheet HTML 3Page - NXP Semiconductors TDA8920TH Datasheet HTML 4Page - NXP Semiconductors TDA8920TH Datasheet HTML 5Page - NXP Semiconductors TDA8920TH Datasheet HTML 6Page - NXP Semiconductors TDA8920TH Datasheet HTML 7Page - NXP Semiconductors TDA8920TH Datasheet HTML 8Page - NXP Semiconductors TDA8920TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1998 Dec 01
5
Philips Semiconductors
Preliminary specification
2
× 50 W class-D power amplifier
TDA8920
FUNCTIONAL DESCRIPTION
The TDA8920 is a multi purpose audio power amplifier in
class-D technology. It contains two independent amplifiers
with high output power, high efficiency (90%), low
distortion and a low quiescent current. The amplifiers can
be connected in the following configurations:
• Mono bridge-tied load amplifier
• Stereo single-ended amplifiers.
The amplifier can be switched in three operating modes
with the mode select input:
• Standby mode, with a very low supply current
(practically zero)
• Mute mode; the amplifiers are operational but the audio
signal at the output is suppressed
• Operating mode (amplifier fully operational) with output
signal.
For suppressing plop noise the amplifier will remain
automatically for approximately 500 ms in the mute
mode before switching to operating mode. During this
time the coupling capacitors at the input are fully
charged. An example of a switching circuit for driving the
mode select input is illustrated in Fig.3.
Pulse Width Modulation (PWM) frequency
The output signal of the amplifier is a PWM signal with a
sample frequency of 500 kHz. The use of a second order
LC filter in the application results in an analog audio signal
across the loudspeaker. This switching frequency is fixed
by an external resistor ROSC connected between pin OSC
and pin SGND. With the resistor value given in the
application diagram, the oscillating frequency is typical
500 kHz. The oscillator frequency can be calculated using:
If two or more devices are used in the same audio system
it is advised to have both devices working on the same
oscillation frequency. This can be realized by connecting
all OSC pins together.
f
osc
5.10
9
R
OSC
-------------- Hz
[]
=
Current limiting
With an external resistor RLIM connected between pin LIM
and VSS the maximum output current of the amplifiers can
be set. If pin LIM is short-circuited to VSS, then the
maximum output current is limited to 7 A. The relationship
between maximum output current and resistor value is
given by:
Protections
Protections are included to avoid the device being
damaged at:
• Over-temperature Tj > 150 °C
• Short-circuit of the loudspeaker terminals: when
short-circuited the power dissipation is limited
• A maximum current limiter which limits the maximum
output current to 7 A, or to the value set by RLIM. During
limiting the current is measured and when the current is
higher than 7 A, the amplifier is switched off within 3
µs
and every 20 ms the IC tries to restart. The dissipation
will be low because of this low duty cycle.
• ESD protection (human body model: 3000 V and
machine model: 300 V).
I
O(max)
70.10
3
10.10
3
R
LIM
+


------------------------------------------- A
[]
=
Fig.3 Mode select input drive circuit.
handbook, halfpage
MGR660
R
pin MODE
SGND
R
+5 V
standby/on
mute


Numéro de pièce similaire - TDA8920TH

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BJ PHILIPS-TDA8920BJ Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BTH PHILIPS-TDA8920BTH Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
TDA8920C NXP-TDA8920C Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
More results

Description similaire - TDA8920TH

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com