Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8808T Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce TDA8808T
Description  Photo diode signal processor for compact disc players
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8808T Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button TDA8808T Datasheet HTML 4Page - NXP Semiconductors TDA8808T Datasheet HTML 5Page - NXP Semiconductors TDA8808T Datasheet HTML 6Page - NXP Semiconductors TDA8808T Datasheet HTML 7Page - NXP Semiconductors TDA8808T Datasheet HTML 8Page - NXP Semiconductors TDA8808T Datasheet HTML 9Page - NXP Semiconductors TDA8808T Datasheet HTML 10Page - NXP Semiconductors TDA8808T Datasheet HTML 11Page - NXP Semiconductors TDA8808T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
November 1987
8
Philips Semiconductors
Product specification
Photo diode signal processor for compact
disc players
TDA8808T
TDA8808AT
Group delay
τ300
at fHFin = 300 kHz + ∆f
note 3
290
ns
Flatness
∆τ
between 0,1 and 1 MHz
note 3
*
9
*
ns
HF output (HFout)
Output voltage
VHFout
at IHFin = 0
VGCHF = 4 V
1,5
2,4
3,3
V
Output voltage
(peak-to-peak value)
VO1(p-p)
at IHFin(p-p) = 7 µA
note 4
1
1,20
V
VO(p-p)
at IHFin(p-p) = 4 to 10 µA
note 5
−20%
M1
+20%
V
Z
HFout
Output impedance
60
−Ω
HF detector input (DET)
see Fig.5
VDET0
DC voltage level
IDET = 0
2,2
V
Positive reference voltage
Vrefp
VDET to VDET0
−10%
540
+10%
mV
Negative reference voltage
Vrefn
VDET to VDET0
−5%
−Vrefp
+5%
mV
ZDET
Input impedance
9
k
Gain control (GCHF)
Input voltage for:
VGCHF
minimum HF gain
1,8
V
VGCHF
maximum HF gain
3,4
V
Input impedance
ZGCHF
at VGCHF = 1,5 to 4 V
25
M
Output current (see Fig.5)
IGCHF
∆VDET < Vrefn or ∆VDET > Vrefp
DODS = LOW
90
100
110
µA
IGCHF
∆VDET < Vrefn or ∆VDET > Vrefp
DODS = HIGH
86
96
106
µA
Vrefn < ∆VDET < VDETn1 or
IGCHF
VDETp1 < ∆VDET < Vrefp
DODS = LOW
−0,65
−0,35
−0,2
µA
Vrefn < ∆VDET < VDETn1 or
IGCHF
VDETp1 < ∆VDET < Vrefp
DODS = HIGH
−5,0
−4,4
−3,8
µA
IGCHF
VDETn1 < ∆VDET < VDETp1
DODS = X**
−0,65
−0,35
−0,2
µA
VDETp1/Vrefp; VDETn1/Vrefn
10
12,5
15
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Numéro de pièce similaire - TDA8808T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8809T PHILIPS-TDA8809T Datasheet
94Kb / 16P
   Radial error signal processor for compact disc players
November 1987
More results

Description similaire - TDA8808T

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TDA5708 ETC-TDA5708 Datasheet
708Kb / 20P
   PHOTO DIODE SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
logo
Sanyo Semicon Device
LC7865E SANYO-LC7865E Datasheet
105Kb / 2P
   Digital Signal Processor for Compact Disc Players
LC7860KA SANYO-LC7860KA Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
LC7868KE SANYO-LC7868KE Datasheet
584Kb / 23P
   Digital Signal Processor for Compact Disc Players???
LC7868E SANYO-LC7868E Datasheet
538Kb / 22P
   Digital Signal Processor for Compact Disc Players???
LC78681KE SANYO-LC78681KE Datasheet
588Kb / 23P
   Digital Signal Processor for Compact Disc Players?
LC7861KE SANYO-LC7861KE Datasheet
484Kb / 18P
   Digital Signal Processor for Compact Disc Players
LC78681E SANYO-LC78681E Datasheet
262Kb / 23P
   Digital Signal Processor for Compact Disc Players
LC7867E SANYO-LC7867E Datasheet
454Kb / 20P
   Digital Signal Processor for Compact Disc Players?
logo
NXP Semiconductors
TDA5709 PHILIPS-TDA5709 Datasheet
488Kb / 13P
   RADIAL ERROR SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
July 1985
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com