Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML1013 Fiches technique(PDF) 1 Page - Mitsubishi Electric Semiconductor

No de pièce ML1013
Description  FOR OPTICAL INFORMATION SYSTEM?
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML1013 Fiches technique(HTML) 1 Page - Mitsubishi Electric Semiconductor

  ML1013 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML1013 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML1013 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ML1013 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor ML1013 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
( 1 / 5 )
Note1: The maximum rating means the limitation over which the laser should not be operated even instant time,
and this does not mean the guarantee of its lifetime. As for the reliability,please refer to the reliability report from Mitsubishi
Semiconductor Quality Assurance Department.
ML1XX3 SERIES
TYPE
NAME
ML1013R, ML1413R, ML120G3
FOR OPTICAL INFORMATION SYSTEMS
DESCRIPTION
FEATURES
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL/OPTICAL CHARACTERISTICS (Tc=25
°C)
APPLICATION
MITSUBISHI
ELECTRIC
Note2: TARGET SPEC /Condition Duty less than 50%,pulse width less than 1
µs
Note3: RL=the load resistance of photodiode for ML1013R and ML1413R
IFD
Forward current (Photodiode)
-
10
mA
Symbol
Parameter
Conditions
Ratings
Unit
Po
Light output power
CW
60
mW
Pulse(Note 2)
60
VRL
Reverse voltage (laser diode)
-
2
V
VRD
Reverse voltage (Photodiode)
-
30
V
Tc
Case temperature
-
-10~ +60
Tstg
Storage temperature
-
-40~ +100
as of February '00
(Note 1)
°C
°C
mA
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
Ith
Threshold current
CW
-
35
mA
Iop
Operation current
CW,Po=50mW
-
80
mA
Slope efficiency
CW,Po=50mW
-
0.8
-
mW/mA
Peak wavelength
CW,Po=50mW
685
nm
Beam divergence angle
CW,Po=50mW
10
°
Beam divergence angle
CW,Po=50mW
20
°
Im
Monitoring output current
CW,Po=50mW
VRD=1V RL=10
Ω(Note 3)
0.3
ID
Dark current (Photodiode)
VRD=10V
-
0.5
uA
Ct
Capacitance (Photodiode)
VRD=5V
-
7-
pF
Vop
Operating voltage
CW,Po=50mW
2.4
3.0
V
2.0
700
60
120
670
12
7
25
16
0
0.05
1.5
θ//
(parallel)
(perpendicular)
(Photodiode)
λp
η
θ
High Power: 50mW (CW), 60mW (pulse)
Visible Light: 685nm (typ)
Optical disc drive (High Density / High Speed)
ML1XX3 is a high power AlGaInP semiconductor
laser which provides a stable, single transverse mode
oscillation with emission wavelength of 685-nm and
standard CW light output of 50mW.
ML1XX3 has a window-mirror-facet which improves
the maximum output power. That leads to highly
reliable and high-power operation.


Numéro de pièce similaire - ML1013

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
ML1012R MITSUBISHI-ML1012R Datasheet
50Kb / 5P
   FOR OPTICAL INFORMATION SYSTEMS
ML1016R MITSUBISHI-ML1016R Datasheet
38Kb / 4P
   FOR OPTICAL INFORMATION SYSTEMS
ML101J10 MITSUBISHI-ML101J10 Datasheet
165Kb / 2P
   FOR OPTICAL INFORMATION SYSTEM
ML101J14 MITSUBISHI-ML101J14 Datasheet
68Kb / 5P
   FOR OPTICAL INFORMATION SYSTEM?
ML101J18 MITSUBISHI-ML101J18 Datasheet
74Kb / 3P
   MITSUBISHI LASER DIODES
More results

Description similaire - ML1013

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
ML1XX10 MITSUBISHI-ML1XX10 Datasheet
165Kb / 2P
   FOR OPTICAL INFORMATION SYSTEM
ML1XX14 MITSUBISHI-ML1XX14 Datasheet
68Kb / 5P
   FOR OPTICAL INFORMATION SYSTEM?
ML6XX27 MITSUBISHI-ML6XX27 Datasheet
774Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML6XX25 MITSUBISHI-ML6XX25 Datasheet
87Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML4XX26 MITSUBISHI-ML4XX26 Datasheet
51Kb / 4P
   FOR OPTICAL INFORMATION SYSTEMS
ML1XX2 MITSUBISHI-ML1XX2 Datasheet
50Kb / 5P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX28 MITSUBISHI-ML6XX28 Datasheet
21Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX24 MITSUBISHI-ML6XX24 Datasheet
209Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML1XX8 MITSUBISHI-ML1XX8 Datasheet
47Kb / 3P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX16 MITSUBISHI-ML6XX16 Datasheet
34Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com