Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8787A Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce TDA8787A
Description  10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8787A Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button TDA8787A Datasheet HTML 4Page - NXP Semiconductors TDA8787A Datasheet HTML 5Page - NXP Semiconductors TDA8787A Datasheet HTML 6Page - NXP Semiconductors TDA8787A Datasheet HTML 7Page - NXP Semiconductors TDA8787A Datasheet HTML 8Page - NXP Semiconductors TDA8787A Datasheet HTML 9Page - NXP Semiconductors TDA8787A Datasheet HTML 10Page - NXP Semiconductors TDA8787A Datasheet HTML 11Page - NXP Semiconductors TDA8787A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2000 Nov 14
8
Philips Semiconductors
Product specification
10-bit, 3.0 V, up to 25 Msps analog-to-digital
interface for CCD cameras
TDA8787A
CHARACTERISTICS
VCCA =VCCD = 3.0 V; VCCO = 2.6 V; fpix = 18 MHz; Tamb = −20 to +75°C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCCA
analog supply voltage
2.7
3.0
3.6
V
VCCD
digital supply voltage
2.7
3.0
3.6
V
VCCO
digital outputs stages
supply voltage
2.5
2.6
3.6
V
ICCA
analog supply current
all clamps active
50
60
mA
ICCD
digital supply current
13
17
mA
ICCO
digital outputs supply
current
CL = 20 pF on all data outputs;
input ramp response time is
800
µs
12
mA
Ptot
total power consumption
VCCA =VCCD =VCCO =3V
190
mW
VCCA =VCCD =VCCO = 2.7 V
170
mW
Digital inputs
INPUTS: PINS STDBY, CLPDM, CLPOB, SCLK, SDATA, SEN, VSYNC, OE, CLK AND BLK
VIL
LOW-level input voltage
0
0.6
V
VIH
HIGH-level input voltage
2.2
5.0
V
Ii
input current
0
≤ Vi ≤ VCCD
−2
+2
µA
INPUTS: PINS SHP AND SHD
VIL
LOW-level input voltage
0
0.6
V
VIH
HIGH-level input voltage
2.2
5.0
V
Ii
input current
0
≤ Vi ≤ VCCD
−10
+10
µA
Clamps
GLOBAL CHARACTERISTICS OF THE CLAMP LOOPS
tW(clamp)
clamp active pulse width
in numbers of pixels
PGA input code = 255 for
maximum 4 LSB error
12
−−
pixels
INPUT CLAMP: PIN CLPDM
gm(CDS)
CDS input clamp
transconductance
1.5
2.7
3.5
mS
OPTICAL BLACK CLAMP: PIN CLPOB
Gshift
gain from CPCDS1 and 2
to PGA inputs
0.27
ILSB(cp)
charge pump current for
±1 LSB error at ADC
output
PGA input code = 0
−±20
−µA
PGA input code = 383
−±0.60
−µA


Numéro de pièce similaire - TDA8787A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA8787HL PHILIPS-TDA8787HL Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
More results

Description similaire - TDA8787A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com