Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8786G Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce TDA8786G
Description  10-bit analog-to-digital interface for CCD cameras
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8786G Fiches technique(HTML) 2 Page - NXP Semiconductors

  TDA8786G Datasheet HTML 1Page - NXP Semiconductors TDA8786G Datasheet HTML 2Page - NXP Semiconductors TDA8786G Datasheet HTML 3Page - NXP Semiconductors TDA8786G Datasheet HTML 4Page - NXP Semiconductors TDA8786G Datasheet HTML 5Page - NXP Semiconductors TDA8786G Datasheet HTML 6Page - NXP Semiconductors TDA8786G Datasheet HTML 7Page - NXP Semiconductors TDA8786G Datasheet HTML 8Page - NXP Semiconductors TDA8786G Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1997 Nov 17
2
Philips Semiconductors
Product specification
10-bit analog-to-digital interface for
CCD cameras
TDA8786; TDA8786A
FEATURES
• Correlated Double Sampling (CDS), AGC, soft clipper,
pre-blanking, 10-bit ADC and reference regulator
included
• Fully programmable via a 3-wire serial interface
• Sampling frequency up to 18 MHz
• AGC gain from 3.5 to 33.5 dB (in 0.1 dB steps)
• Programmable soft clipper for white compression
(starting at 40% of the input signal)
• Standby mode available for each block for power saving
applications (19 mW)
• 6 dB fixed gain analog output for analog iris control
• 8-bit and 10-bit DAC included for analog settings
• Low power consumption of only 475 mW (typ.)
• 5 V operation and 2.5 to 5 V operation for the digital
outputs
• CDS control pulse: TDA8786 = HIGH;
TDA8786A = LOW
• TTL compatible inputs, TTL and CMOS compatible
outputs.
GENERAL DESCRIPTION
The TDA8786; TDA8786A is a 10-bit analog-to-digital
interface for CCD cameras. The device includes a
correlated double sampling circuit, AGC, a soft clipper
circuit and a low power 10-bit Analog-to-Digital Converter
(ADC) together with its reference voltage regulator.
The AGC and soft clipper circuits are controlled by on-chip
DACs via a serial interface.
A 10-bit DAC controls the ADC input clamp level.
A pre-blanking function is also included.
An additional DAC is provided for additional system
controls; its output voltage range is 1.4 V (p-p) which is
available at pin OFDOUT.
APPLICATIONS
• CCD camera systems.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
4.5
4.75
5.5
V
VCCD
digital supply voltage
4.5
4.75
5.5
V
VCCO
digital outputs supply voltage
2.5
2.6
5.5
V
ICCA
analog supply current
83
mA
ICCD
digital supply current
16
mA
ICCO
digital outputs supply current
fCLK = 18 MHz;
CL = 20 pF; ramp input
1
mA
ADCres
ADC resolution
10
bits
Vi(CDS)(p-p)
CDS input voltage (peak-to-peak value)
400
1200
mV
GCDS
CDS output amplifier gain
6
dB
fCLK(max)
maximum clock frequency
18
−−
MHz
AGCdyn
AGC dynamic range
30
dB
Ntot(rms)
total noise from CDS input to ADC
output (RMS value)
gain = 3.5 dB
0.5
LSB
Ptot
total power consumption
475
mW
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8786G
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2
TDA8786AG


Numéro de pièce similaire - TDA8786G

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
   True logarithmic amplifier
1995 Jul 25
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783H PHILIPS-TDA8783H Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL PHILIPS-TDA8783HL Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL NXP-TDA8783HL Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
More results

Description similaire - TDA8786G

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com