Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8786A Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce TDA8786A
Description  10-bit analog-to-digital interface for CCD cameras
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8786A Fiches technique(HTML) 4 Page - NXP Semiconductors

  TDA8786A Datasheet HTML 1Page - NXP Semiconductors TDA8786A Datasheet HTML 2Page - NXP Semiconductors TDA8786A Datasheet HTML 3Page - NXP Semiconductors TDA8786A Datasheet HTML 4Page - NXP Semiconductors TDA8786A Datasheet HTML 5Page - NXP Semiconductors TDA8786A Datasheet HTML 6Page - NXP Semiconductors TDA8786A Datasheet HTML 7Page - NXP Semiconductors TDA8786A Datasheet HTML 8Page - NXP Semiconductors TDA8786A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1997 Nov 17
4
Philips Semiconductors
Product specification
10-bit analog-to-digital interface for
CCD cameras
TDA8786; TDA8786A
PINNING
SYMBOL
PIN
DESCRIPTION
CLPOPB
1
optical black clamp control pulse input (active HIGH for TDA8786, active LOW for TDA8786A)
PBK
2
pre-blanking control pulse input; if PBK is HIGH (LOW) the signal is replaced by the optical
black level for TDA8786 (TDA8786A)
OFDOUT
3
analog output of the additional 8-bit control DAC (controlled via the serial interface)
AMPOUT
4
CDS amplifier output (fixed gain = +6 dB)
AGND1
5
analog ground 1
VCCA1
6
analog supply voltage 1
AGCOUT
7
AGC and soft clipper amplifier signal output
PBIN
8
optical black clamp and pre-blanking block signal input (from AGCOUT via a capacitor)
PBOUT
9
optical black clamp and pre-blanking block signal output
ADCIN
10
ADC analog signal input (from PBOUT or AGCOUT via a capacitor)
CLPADC
11
clamp control input for ADC analog input signal clamp (active HIGH for TDA8786 and active
LOW for TDA8786A)
Vref
12
ADC input clamp reference voltage (normally connected to pin VRB or DACOUT)
DACOUT
13
DAC output for ADC clamp level
AGND2
14
analog ground 2
VCCA2
15
analog supply voltage 2
VRB
16
ADC reference voltage (BOTTOM) code 0
VRT
17
ADC reference voltage (TOP) code 1023
DEC1
18
decoupling 1 (decoupled to ground via a capacitor)
STGE
19
CDS offset storage
SDATA
20
serial data input for the 4 control DACs (9-bit DAC for AGC gain, 4-bit DAC for soft clipper;
additional 8-bit DAC for OFD output voltage; 10-bit DAC for ADC clamp level and the stand-by
mode per block; see Table 1)
SCLK
21
serial clock input for the control DACs and their serial interface; see Table 1
SEN
22
enable input for the serial interface shift register (active when SEN = logic 0); see Table 1
STDBY
23
stand-by control pin (active HIGH); all the output bits are logic 0 when stand-by is enabled
VCCD1
24
digital supply voltage 1
DGND1
25
digital ground 1
D0
26
ADC digital output 0 (LSB)
D1
27
ADC digital output 1
D2
28
ADC digital output 2
D3
29
ADC digital output 3
D4
30
ADC digital output 4
D5
31
ADC digital output 5
D6
32
ADC digital output 6
D7
33
ADC digital output 7
D8
34
ADC digital output 8
D9
35
ADC digital output 9 (MSB)
OGND
36
digital output ground


Numéro de pièce similaire - TDA8786A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
   True logarithmic amplifier
1995 Jul 25
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783H PHILIPS-TDA8783H Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL PHILIPS-TDA8783HL Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL NXP-TDA8783HL Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
More results

Description similaire - TDA8786A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com