Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8784H Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TDA8784H
Description  18 Msps, 10-bit analog-to-digital interface for CCD cameras
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8784H Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TDA8784H Datasheet HTML 6Page - NXP Semiconductors TDA8784H Datasheet HTML 7Page - NXP Semiconductors TDA8784H Datasheet HTML 8Page - NXP Semiconductors TDA8784H Datasheet HTML 9Page - NXP Semiconductors TDA8784H Datasheet HTML 10Page - NXP Semiconductors TDA8784H Datasheet HTML 11Page - NXP Semiconductors TDA8784H Datasheet HTML 12Page - NXP Semiconductors TDA8784H Datasheet HTML 13Page - NXP Semiconductors TDA8784H Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1999 Sep 21
10
Philips Semiconductors
Product specification
18 Msps, 10-bit analog-to-digital
interface for CCD cameras
TDA8784
Clamps
gm(ADC)
ADC clamp transconductance at clamp level
7
mS
gm(CDS)
CDS clamp transconductance at clamp level
1.5
mS
Analog-to-Digital Converter (ADC)
fCLK(max)
maximum clock frequency
18
−−
MHz
tCPH
clock pulse width HIGH
15
−−
ns
tCPL
clock pulse width LOW
15
−−
ns
SRCLK
clock input slew rate (rising
and falling edge)
10% to 90%
0.5
−−
V/ns
Vi(ADC)(p-p)
ADC input voltage level
(peak-to-peak value)
2
V
VRB
ADC reference voltage output
code 0
1.5
V
VRT
ADC reference voltage output
code 1023
3.5
V
IADCIN
input current pin 10
−2
+120
µA
INL
integral non-linearity
ramp input
−±0.6
±1.5
LSB
DNL
differential non-linearity
ramp input
−±0.2
±0.75 LSB
td(s)
sampling delay time
−−
5ns
Total chain characteristics (CDS + AGC + ADC)
td
time delay between
SHD and CLK
see Fig.5; 50% at rising
edges CLK and SHP: transition
full scale code 0 to 1023;
fcut(CDS) = 40 MHz;
fcut(AGC) = 40 MHz;
Vi(CDS) = 1200 mV
40
ns
Ntot(rms)
total output noise (RMS
value)
fcut(CDS) = 120 MHz;
fcut(AGC) = 40 MHz; note 1
GAGC = 4.5 dB
0.125
LSB
GAGC = 34.5 dB
1.6
LSB
Voffset(fl-d)
maximum offset between
CCD floating level and CCD
dark pixel level
−200
+200
mV
Vn(i)(eq)(rms)
equivalent input noise voltage
(RMS value)
AGC gain = 34.5 dB
125
−µV
AGC gain = 4.5 dB
150
−µV
Digital-to-analog converter (OFDOUT)
VOFDOUT(p-p)
additional 8-bit control DAC
(OFD) output voltage
(peak-to-peak value)
1.4
V
VOFDOUT(0)
DC output voltage for code 0
2.3
V
VOFDOUT(255) DC output voltage for
code 255
3.7
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Numéro de pièce similaire - TDA8784H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
   True logarithmic amplifier
1995 Jul 25
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783H PHILIPS-TDA8783H Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL PHILIPS-TDA8783HL Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL NXP-TDA8783HL Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
More results

Description similaire - TDA8784H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com