Moteur de recherche de fiches techniques de composants électroniques |
|
TDA8766 Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
TDA8766 Fiches technique(HTML) 3 Page - NXP Semiconductors |
3 / 20 page 1996 Mar 20 3 Philips Semiconductors Product specification 10-bit high-speed 2.7 to 5.25 V analog-to-digital converter TDA8766 BLOCK DIAGRAM Fig.1 Block diagram. handbook, full pagewidth 19 10 14 RLAD 11 15 VRB VSSA VSSD2 VSSO VSSD1 VRM VRT V I 18 VDDD2 7 2 VDDA 28 29 30 31 27 D4 D5 D6 D7 D8 26 25 1 6 D3 D2 23 D1 22 D0 D9 IN RANGE LATCH CMOS OUTPUTS LATCHES ANALOG -TO - DIGITAL CONVERTER CLOCK DRIVER MLC853 CMOS OUTPUT 5 CLK 16 OE STDBY TDA8766 20 VDDO 9 analog ground digital ground 2 3 21 output ground digital ground 1 analog voltage input data outputs LSB MSB 4 VDDD1 IR output |
Numéro de pièce similaire - TDA8766 |
|
Description similaire - TDA8766 |