Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3113B-S15-AY Fiches technique(PDF) 1 Page - NEC

No de pièce 2SK3113B-S15-AY
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SK3113B-S15-AY Fiches technique(HTML) 1 Page - NEC

  2SK3113B-S15-AY Datasheet HTML 1Page - NEC 2SK3113B-S15-AY Datasheet HTML 2Page - NEC 2SK3113B-S15-AY Datasheet HTML 3Page - NEC 2SK3113B-S15-AY Datasheet HTML 4Page - NEC 2SK3113B-S15-AY Datasheet HTML 5Page - NEC 2SK3113B-S15-AY Datasheet HTML 6Page - NEC 2SK3113B-S15-AY Datasheet HTML 7Page - NEC 2SK3113B-S15-AY Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
2SK3113B
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No. D18061EJ3V0DS00 (3rd edition)
Date Published June 2007 NS
Printed in Japan
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
2006
DESCRIPTION
The 2SK3113B is N-channel MOS FET device that features a low gate charge and excellent switching
characteristics, and designed for high voltage applications such as switching power supply, AC adapter.
FEATURES
• Low on-state resistance
RDS(on) = 4.4
Ω MAX. (VGS = 10 V, ID = 1.0 A)
• Low gate charge
QG = 7.9 nC TYP. (VDD = 450 V, VGS = 10 V, ID = 2.0 A)
• Gate voltage rating : ±30 V
• Avalanche capability ratings
ORDERING INFORMATION
PART NUMBER
LEAD PLATING
PACKING
PACKAGE
2SK3113B-S15-AY
Note
Tube 70 p/tube
TO-251 (MP-3-a) typ. 0.39 g
2SK3113B(1)-S27-AY
Note
Tube 75 p/tube
TO-251 (MP-3-b) typ. 0.34 g
2SK3113B-ZK-E1-AY
Note
2SK3113B-ZK-E2-AY
Note
Pure Sn (Tin)
Tape 2500 p/reel
TO-252 (MP-3ZK) typ. 0.27 g
Note Pb-free (This product does not contain Pb in external electrode.)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
600
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±30
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±2.0
A
Drain Current (pulse)
Note1
ID(pulse)
±8.0
A
Total Power Dissipation (TC = 25°C)
PT1
20
W
Total Power Dissipation (TA = 25°C)
Note2
PT2
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current
Note3
IAS
2.0
A
Single Avalanche Energy
Note3
EAS
2.7
mJ
Notes 1. PW
≤ 10
μs, Duty Cycle ≤ 1%
2. Mounted on glass epoxy board of 40 mm × 40 mm × 1.6 mm
3. Starting Tch = 25°C, VDD = 150 V, RG = 25 Ω, VGS = 20
→ 0 V
(TO-251)
(TO-252)
<R>


Numéro de pièce similaire - 2SK3113B-S15-AY

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SK3113B-S15-AY RENESAS-2SK3113B-S15-AY Datasheet
347Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
More results

Description similaire - 2SK3113B-S15-AY

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com