Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8760 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA8760
Description  10-bit high-speed analog-to-digital converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760 Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA8760 Datasheet HTML 1Page - NXP Semiconductors TDA8760 Datasheet HTML 2Page - NXP Semiconductors TDA8760 Datasheet HTML 3Page - NXP Semiconductors TDA8760 Datasheet HTML 4Page - NXP Semiconductors TDA8760 Datasheet HTML 5Page - NXP Semiconductors TDA8760 Datasheet HTML 6Page - NXP Semiconductors TDA8760 Datasheet HTML 7Page - NXP Semiconductors TDA8760 Datasheet HTML 8Page - NXP Semiconductors TDA8760 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1996 Sep 12
5
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
PINNING
SYMBOL
PIN
DESCRIPTION
CLK
1
clock input
CLK
2
complementary clock input
VCCD1
3
digital supply voltage (+5 V)
DGND1
4
digital ground
n.c.
5
not connected
n.c.
6
not connected
VCCA1
7
analog supply voltage (+5 V)
AGND1
8
analog ground
AGND2
9
analog ground
VI
10
analog input voltage
VI
11
complementary analog input voltage
AGND3
12
analog ground
VCCA2
13
analog supply voltage (+5 V)
VrefL
14
reference voltage LOW
VrefH
15
reference voltage HIGH
AGND4
16
analog ground
VCCA3
17
analog supply voltage (+5 V)
n.c.
18
not connected
n.c.
19
not connected
DGND2
20
digital ground
VCCD2
21
digital supply voltage (+5 V)
CS
22
chip select input (TTL level input; active HIGH)
OTC
23
output two’s complement
OGND1
24
output ground
VCCO1
25
output supply voltage (+5 V)
IR
26
in-range output
D9
27
data output, bit 9 (MSB)
VCCO2
28
output supply voltage (+5 V)
D8
29
data output, bit 8
OGND2
30
output ground
D7
31
data output, bit 7
D6
32
data output, bit 6
D5
33
data output, bit 5
D4
34
data output, bit 4
D3
35
data output, bit 3
D2
36
data output, bit 2
OGND3
37
output ground
n.c.
38
not connected
n.c.
39
not connected
D1
40
data output, bit 1


Numéro de pièce similaire - TDA8760

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8761 PHILIPS-TDA8761 Datasheet
93Kb / 20P
   9-bit analog-to-digital converter for digital video
1995 Mar 20
TDA8761A PHILIPS-TDA8761A Datasheet
166Kb / 24P
   9-bit analog-to-digital converter for digital video
1998 Nov 03
TDA8761AM PHILIPS-TDA8761AM Datasheet
166Kb / 24P
   9-bit analog-to-digital converter for digital video
1998 Nov 03
TDA8761M PHILIPS-TDA8761M Datasheet
93Kb / 20P
   9-bit analog-to-digital converter for digital video
1995 Mar 20
TDA8762 PHILIPS-TDA8762 Datasheet
162Kb / 24P
   10-bit high-speed low-power analog-to-digital converter
1996 Mar 28
More results

Description similaire - TDA8760

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
TDA8762A PHILIPS-TDA8762A Datasheet
150Kb / 24P
   10-bit high-speed low-power analog-to-digital converter
1996 Mar 21
TDA8762 PHILIPS-TDA8762 Datasheet
162Kb / 24P
   10-bit high-speed low-power analog-to-digital converter
1996 Mar 28
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
    8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8718 PHILIPS-TDA8718 Datasheet
110Kb / 16P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8703 PHILIPS-TDA8703 Datasheet
141Kb / 18P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
TDA8716 PHILIPS-TDA8716 Datasheet
167Kb / 21P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
logo
Texas Instruments
TLC5540 TI-TLC5540 Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com