Moteur de recherche de fiches techniques de composants électroniques |
|
TDA8745H Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
TDA8745H Fiches technique(HTML) 6 Page - NXP Semiconductors |
6 / 40 page 1996 Mar 11 6 Philips Semiconductors Preliminary specification Satellite sound receiver with I2C-bus control TDA8745 PRES DET R 39 35 presence detector timing (right channel) XTAL 40 36 crystal input for 4 MHz oscillator PRES DET L 41 37 presence detector timing (left channel) CDC L 42 38 DC decoupling capacitor (left channel) n.c. − 16 not connected n.c. − 40 not connected SYMBOL PIN DESCRIPTION SDIP42 QFP44 handbook, halfpage 1 2 3 4 5 6 7 8 9 10 11 12 13 40 39 38 37 36 35 34 33 32 31 30 29 28 27 14 15 16 17 18 19 20 22 23 24 25 26 21 42 41 O O EXT EXT ATT/REC R DEEM OUT R AFGND RECT PRES DET R XTAL DC L DC R ATT/REC L PRES DET L SLF BASEBAND IN IF OUT SYNGND IN-5 IN-6 IN-1 HFGND IN-2 ADD IN-3 I CGND IN-4 SCL SDA V P3 V P2 V P1 V M O DEEM OUT L RECT TDA8745 2 ref MBE035 C C L C NR D L C D L C CL L C CL R C D R C C NR D R R L R L R sel C Fig.2 Pin configuration (SDIP42). |
Numéro de pièce similaire - TDA8745H |
|
Description similaire - TDA8745H |