Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8745H Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA8745H
Description  Satellite sound receiver with I2C-bus control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8745H Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA8745H Datasheet HTML 1Page - NXP Semiconductors TDA8745H Datasheet HTML 2Page - NXP Semiconductors TDA8745H Datasheet HTML 3Page - NXP Semiconductors TDA8745H Datasheet HTML 4Page - NXP Semiconductors TDA8745H Datasheet HTML 5Page - NXP Semiconductors TDA8745H Datasheet HTML 6Page - NXP Semiconductors TDA8745H Datasheet HTML 7Page - NXP Semiconductors TDA8745H Datasheet HTML 8Page - NXP Semiconductors TDA8745H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
1996 Mar 11
5
Philips Semiconductors
Preliminary specification
Satellite sound receiver with I2C-bus control
TDA8745
PINNING
SYMBOL
PIN
DESCRIPTION
SDIP42
QFP44
CDC R
1
39
DC decoupling capacitor (right channel)
SLF
2
41
synthesizer loop-filter
BASEBAND IN
3
42
baseband input to mixer
VP1
4
43
synthesizer and mixer supply voltage (+5 V)
IF OUT
5
44
intercarrier output from mixer
SYNGND
6
1
synthesizer and mixer ground
IN-5
7
2
intercarrier input 5/port expansion output 1
IN-6
8
3
intercarrier input 6/port expansion output 2
IN-1
9
4
Intercarrier input 1
HFGND
10
5
HF ground
IN-2
11
6
intercarrier input 2
ADDsel
12
7
I2C-bus address selection
IN-3
13
8
Intercarrier input 3
I2CGND
14
9
I2C-bus ground
IN-4
15
10
intercarrier input 4
VP2
16
11
I2C-bus supply voltage (+5 V)
SCL
17
12
I2C-bus serial clock input
SDA
18
13
I2C-bus serial data input/output
Vref
19
14
decoupling capacitor for reference voltage
VP3
20
15
general supply voltage (+12 V)
OM
21
17
mono channel output [1
2(l + r)]
OR
22
18
right channel output
OL
23
19
left channel output
EXTR
24
20
external audio input (right channel)
EXTL
25
21
external audio input (left channel)
CATT/REC R
26
22
attack/recovery capacitor (right channel)
RECTR
27
23
rectifier DC decoupling (right channel)
CNR D R
28
24
noise reduction de-emphasis capacitor (right channel)
CDR
29
25
de-emphasis capacitor (right channel)
DEEM OUT R
30
26
de-emphasis output (right channel)
CCL R
31
27
audio pass-through input (right channel)
AFGND
32
28
AF ground
CCL L
33
29
audio pass-through input (left channel)
DEEM OUT L
34
30
de-emphasis output (left channel)
CDL
35
31
de-emphasis capacitor (left channel)
CNR D L
36
32
noise reduction de-emphasis capacitor (left channel)
RECTL
37
33
rectifier DC decoupling (left channel)
CATT/REC L
38
34
attack/recovery capacitor (left channel)


Numéro de pièce similaire - TDA8745H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8740 PHILIPS-TDA8740 Datasheet
325Kb / 24P
   Satellite sound circuit with noise reduction
October 1994
TDA8740H PHILIPS-TDA8740H Datasheet
325Kb / 24P
   Satellite sound circuit with noise reduction
October 1994
TDA8741 PHILIPS-TDA8741 Datasheet
436Kb / 24P
   Satellite sound circuit with noise reduction
October 1994
TDA8741H PHILIPS-TDA8741H Datasheet
436Kb / 24P
   Satellite sound circuit with noise reduction
October 1994
TDA8742 PHILIPS-TDA8742 Datasheet
284Kb / 21P
   Satellite sound circuit with noise reduction
October 1994
More results

Description similaire - TDA8745H

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPC1857A NEC-UPC1857A Datasheet
343Kb / 44P
   SOUND CONTROL IC WITH SURROUND AND I2C BUS
logo
NXP Semiconductors
TDA8405 PHILIPS-TDA8405 Datasheet
322Kb / 9P
   TV AND VTR STEREO/DUAL SOUND PROCESSOR WITH I2C BUS CONTROL
December 1985
logo
Renesas Technology Corp
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
logo
Mitsubishi Electric Sem...
M52790SP MITSUBISHI-M52790SP Datasheet
132Kb / 9P
   AV SWITCH with I2C BUS CONTROL
M52791SP MITSUBISHI-M52791SP Datasheet
121Kb / 10P
   AV SWITCH with I2C BUS CONTROL
M52795SP MITSUBISHI-M52795SP Datasheet
114Kb / 9P
   AV SWITCH with I2C BUS CONTROL
M52797SP MITSUBISHI-M52797SP Datasheet
104Kb / 9P
   AV SWITCH with I2C BUS CONTROL
logo
Renesas Technology Corp
M52791SP RENESAS-M52791SP Datasheet
175Kb / 14P
   AV Switch with I2C Bus Control
M52797SP RENESAS-M52797SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com