Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK17T88 Fiches technique(PDF) 8 Page - Simtek Corporation

No de pièce STK17T88
Description  32K x 8 AutoStore nvSRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMTEK [Simtek Corporation]
Site Internet  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK17T88 Fiches technique(HTML) 8 Page - Simtek Corporation

Back Button STK17T88 Datasheet HTML 4Page - Simtek Corporation STK17T88 Datasheet HTML 5Page - Simtek Corporation STK17T88 Datasheet HTML 6Page - Simtek Corporation STK17T88 Datasheet HTML 7Page - Simtek Corporation STK17T88 Datasheet HTML 8Page - Simtek Corporation STK17T88 Datasheet HTML 9Page - Simtek Corporation STK17T88 Datasheet HTML 10Page - Simtek Corporation STK17T88 Datasheet HTML 11Page - Simtek Corporation STK17T88 Datasheet HTML 12Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
March 2007
Document Control #ML0024 Rev 1.7
STK17T88
AutoStore/POWER-UP RECALL
note i: tHRECALL starts from the time VCC rises above VSWITCH
note j: If an SRAM WRITE has not taken place since the last nonvolatile cycle, no STORE will take place
note k: Industrial Grade Devices require 15 ms MAX.
AutoStore/POWER-UP RECALL
NO.
SYMBOLS
PARAMETER
STK17T88
UNITS
NOTES
Standard
Alternate
MIN
MAX
22
tHRECALL
Power-up RECALL Duration
40
ms
i
23
tSTORE
tHLHZ
STORE
Cycle Duration
12.5
ms
j,k
24
VSWITCH
Low Voltage Trigger Level
2.65
V
25
VCCRISE
VCC Rise Time
150
μS
POWER-UP RECALL
VCC
23
tSTORE
22
tHRECALL
24
VSWITCH
AutoStore
TM
POWER DOWN
AutoStore
TM
BROWN OUT
AutoStore
TM
POWER-UP
RECALL
Read & Write Inhibited
25
tVCCRISE
23
tSTORE
22
tHRECALL
POWER-UP
RECALL
STORE
occurs only if a
SRAM write has
happened.
No STORE occurs
without at least one
SRAM write.
Note: Read and Write cycles will be ignored during STORE, RECALL and while VCC is below VSWITCH


Numéro de pièce similaire - STK17T88

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17T88-RF25 SIMTEK-STK17T88-RF25 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17T88-RF25 CYPRESS-STK17T88-RF25 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
More results

Description similaire - STK17T88

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com