Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK14CA8-RF35ITR Fiches technique(PDF) 5 Page - Simtek Corporation

No de pièce STK14CA8-RF35ITR
Description  128Kx8 Autostore nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMTEK [Simtek Corporation]
Site Internet  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14CA8-RF35ITR Fiches technique(HTML) 5 Page - Simtek Corporation

  STK14CA8-RF35ITR Datasheet HTML 1Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 2Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 3Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 4Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 5Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 6Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 7Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 8Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STK14CA8
5
February 2007
Document Control #ML0022 Rev 1.5
SRAM READ CYCLES #1 & #2
Note c: W must be high during SRAM READ cycles.
Note d: Device is continuously selected with E and G both low
Note e: Measured
± 200mV from steady state output voltage.
Note f:
HSB must remain high during READ and WRITE cycles.
SRAM READ CYCLE #1:
Address Controlledc,d,f
SRAM READ CYCLE #2:
E Controlledc,f
NO.
SYMBOLS
PARAMETER
STK14CA8-25
STK14CA8-35
STK14CA8-45
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
1
tELQV
tACS
Chip Enable Access Time
25
35
45
ns
2
tAVAVc
tAVAVc
tRC
Read Cycle Time
25
35
45
ns
3
tAVQVd
tAVQVd
tAA
Address Access Time
25
35
45
ns
4
tGLQV
tOE
Output Enable to Data Valid
12
15
20
ns
5
tAXQXd
tAXQXd
tOH
Output Hold after Address Change
3
3
3
ns
6
tELQX
tLZ
Chip Enable to Output Active
3
3
3
ns
7
tEHQZe
tHZ
Chip Disable to Output Inactive
10
13
15
ns
8
tGLQX
tOLZ
Output Enable to Output Active
0
0
0
ns
9
tGHQZe
tOHZ
Output Disable to Output Inactive
10
13
15
ns
10
tELICCHb
tPA
Chip Enable to Power Active
0
0
0
ns
11
tEHICCLb
tPS
Chip Disable to Power Standby
25
35
45
ns
DATA VALID
5
tAXQX
3
tAVQV
DQ (DATA OUT)
ADDRESS
2
tAVAV
6
tELQX
STANDBY
DATA VALID
4
tGLQV
DQ (DATA OUT)
E
ADDRESS
2
tAVAV
G
ICC
ACTIVE
10
tELICCH
11
tEHICCL
7
tEHQZ
8
tGLQX
1
tELQV
9
tGHQZ


Numéro de pièce similaire - STK14CA8-RF35ITR

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK14CA8-RF35ITR SIMTEK-STK14CA8-RF35ITR Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8-RF35ITR CYPRESS-STK14CA8-RF35ITR Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
More results

Description similaire - STK14CA8-RF35ITR

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
STK14CA8 CYPRESS-STK14CA8 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com