Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK10C68-KF25M Fiches technique(PDF) 11 Page - Simtek Corporation

No de pièce STK10C68-KF25M
Description  8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMTEK [Simtek Corporation]
Site Internet  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK10C68-KF25M Fiches technique(HTML) 11 Page - Simtek Corporation

Back Button STK10C68-KF25M Datasheet HTML 4Page - Simtek Corporation STK10C68-KF25M Datasheet HTML 5Page - Simtek Corporation STK10C68-KF25M Datasheet HTML 6Page - Simtek Corporation STK10C68-KF25M Datasheet HTML 7Page - Simtek Corporation STK10C68-KF25M Datasheet HTML 8Page - Simtek Corporation STK10C68-KF25M Datasheet HTML 9Page - Simtek Corporation STK10C68-KF25M Datasheet HTML 10Page - Simtek Corporation STK10C68-KF25M Datasheet HTML 11Page - Simtek Corporation STK10C68-KF25M Datasheet HTML 12Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STK10C68
March 2006
11
Document Control # ML0006 rev 0.2
Document Revision History
Revision
Date
Summary
0.0
December 2002
Combined commercial, industrial and military data sheets. Removed 20 nsec device.
0.1
September 2003
Added lead-free lead finish
0.2
March 2006
Marked as Obsolete, Not recommended for new design.


Numéro de pièce similaire - STK10C68-KF25M

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STK10C68-KF25M ETC1-STK10C68-KF25M Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results

Description similaire - STK10C68-KF25M

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com