Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDF8712T Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TDF8712T
Description  8-bit digital-to-analog converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8712T Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TDF8712T Datasheet HTML 5Page - NXP Semiconductors TDF8712T Datasheet HTML 6Page - NXP Semiconductors TDF8712T Datasheet HTML 7Page - NXP Semiconductors TDF8712T Datasheet HTML 8Page - NXP Semiconductors TDF8712T Datasheet HTML 9Page - NXP Semiconductors TDF8712T Datasheet HTML 10Page - NXP Semiconductors TDF8712T Datasheet HTML 11Page - NXP Semiconductors TDF8712T Datasheet HTML 12Page - NXP Semiconductors TDF8712T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
June 1994
9
Philips Semiconductors
Product specification
8-bit digital-to-analog converters
TDA8712; TDF8712
Table 1 Input coding and output voltages (typical values; referenced to VCCA, regardless of the offset voltage).
CODE
INPUT DATA (D7 to D0)
DAC OUTPUT VOLTAGES (V)
ZL = 10 kΩ
ZL = 75 Ω
VOUT
VOUT
VOUT
VOUT
0
000 00 00
0
−1.6
0
−0.8
1
000 000 01
−0.006
−1.594
−0.003
−0.797
.
.
....
128
100 000 00
−0.8
−0.8
−0.4
−0.4
.
.
....
254
111 111 10
−1.594
−0.006
−0.797
−0.003
255
111 111 11
−1.6
0
−0.8
0
Fig.3 Data set-up and hold times.
The shaded areas indicate when the input data may change and be correctly registered. Data input update must be completed within 0.3 ns after the first
rising edge of the clock (tSU;DAT is negative; −0.3 ns). Data must be held at least 2 ns after the rising edge (tHD;DAT = +2 ns).
andbook, full pagewidth
HD; DAT
t
input data
CLK
MBC912
SU; DAT
t
3.0 V
1.3 V
0 V
3.0 V
1.3 V
0 V
stable


Numéro de pièce similaire - TDF8712T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
TDF8704T PHILIPS-TDF8704T Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
TDF8704T/2 PHILIPS-TDF8704T/2 Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
TDF8704T/4 PHILIPS-TDF8704T/4 Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
TDF8704T/5 PHILIPS-TDF8704T/5 Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
More results

Description similaire - TDF8712T

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
logo
Texas Instruments
TLV5628C TI-TLV5628C Datasheet
214Kb / 14P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602CDWR TI-TLC5602CDWR Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602C TI-TLC5602C_15 Datasheet
220Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com