Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML101J14 Fiches technique(PDF) 3 Page - Mitsubishi Electric Semiconductor

No de pièce ML101J14
Description  FOR OPTICAL INFORMATION SYSTEM?
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML101J14 Fiches technique(HTML) 3 Page - Mitsubishi Electric Semiconductor

  ML101J14 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML101J14 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML101J14 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ML101J14 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor ML101J14 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
( 3 / 5 )
Reference Data
Reference Data
Light Output Power vs. Current (CW)
Light Output Power vs. Current (Pulse)
Typical Characteristics
MITSUBISHI LASER DIODES
FOR OPTICAL INFORMATION SYSTEMS
ML1XX14 SERIES
Operating Current, Iop (mA)
MITSUBISHI
ELECTRIC
as of December '99
0
10
20
30
40
50
60
0
50
100
150
200
250
300
0
10
20
30
40
50
60
70
0
50
100
150
200
250
300
Tc=25 40 50 60 70
°C
Duty Cycle: 50 %
Pulse Width: 0.1
µsec
Tc=25 40 50 60 70
°C
Operating Current, Iop (mA)
70


Numéro de pièce similaire - ML101J14

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
ML101J10 MITSUBISHI-ML101J10 Datasheet
165Kb / 2P
   FOR OPTICAL INFORMATION SYSTEM
ML101J18 MITSUBISHI-ML101J18 Datasheet
74Kb / 3P
   MITSUBISHI LASER DIODES
More results

Description similaire - ML101J14

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
ML1XX10 MITSUBISHI-ML1XX10 Datasheet
165Kb / 2P
   FOR OPTICAL INFORMATION SYSTEM
ML1XX3 MITSUBISHI-ML1XX3 Datasheet
50Kb / 5P
   FOR OPTICAL INFORMATION SYSTEM?
ML6XX27 MITSUBISHI-ML6XX27 Datasheet
774Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML6XX25 MITSUBISHI-ML6XX25 Datasheet
87Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML4XX26 MITSUBISHI-ML4XX26 Datasheet
51Kb / 4P
   FOR OPTICAL INFORMATION SYSTEMS
ML1XX2 MITSUBISHI-ML1XX2 Datasheet
50Kb / 5P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX28 MITSUBISHI-ML6XX28 Datasheet
21Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX24 MITSUBISHI-ML6XX24 Datasheet
209Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML1XX8 MITSUBISHI-ML1XX8 Datasheet
47Kb / 3P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX16 MITSUBISHI-ML6XX16 Datasheet
34Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com