Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8705 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TDA8705
Description  6-bit high-speed dual Analog-to-Digital Converter ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8705 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TDA8705 Datasheet HTML 5Page - NXP Semiconductors TDA8705 Datasheet HTML 6Page - NXP Semiconductors TDA8705 Datasheet HTML 7Page - NXP Semiconductors TDA8705 Datasheet HTML 8Page - NXP Semiconductors TDA8705 Datasheet HTML 9Page - NXP Semiconductors TDA8705 Datasheet HTML 10Page - NXP Semiconductors TDA8705 Datasheet HTML 11Page - NXP Semiconductors TDA8705 Datasheet HTML 12Page - NXP Semiconductors TDA8705 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1996 Jan 12
9
Philips Semiconductors
Product specification
6-bit high-speed dual Analog-to-Digital
Converter (ADC)
TDA8705
Table 1
Output coding and input voltage (typical values; referenced to AGND)
STEP
VI(p-p) A or B
(V)
BINARY OUTPUT BITS
D5
D4
D3
D2
D1
D0
Underflow
<2.2
000000
0
2.2
000000
1
2.208
000001
.
.
......
.
.
......
62
2.692
111110
63
2.7
111111
Overflow
>2.7
111111
Fig.3 Timing diagram for data output.
handbook, full pagewidth
ds
t
sample N + 1
sample N
CLK
MLC115
sample N + 2
1.4 V
V
l(n)
DATA
D0 to D5
t d
t h
CPH
t
CPL
t
2.4 V
0.4 V
1.4 V
DATA
N + 1
DATA
N
DATA
N - 1
DATA
N - 2
Fig.4 Analog input settling-time diagram.
handbook, full pagewidth
MLC116
50 %
STLH
t
2 ns
code 0
code 63
I(n)
50 %
0.5 ns
50 %
2 ns
STHL
t
50 %
0.5 ns
CLK
V


Numéro de pièce similaire - TDA8705

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8705A PHILIPS-TDA8705A Datasheet
111Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
TDA8705AT PHILIPS-TDA8705AT Datasheet
111Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
More results

Description similaire - TDA8705

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8705A PHILIPS-TDA8705A Datasheet
111Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
TDA8768 PHILIPS-TDA8768 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
TDA8767 PHILIPS-TDA8767 Datasheet
129Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1999 Feb 16
logo
Exar Corporation
MP7682 EXAR-MP7682 Datasheet
478Kb / 7P
   CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7686 EXAR-MP7686 Datasheet
752Kb / 9P
   CMOS 6 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
   Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
logo
Mitel Networks Corporat...
VP215 MITEL-VP215 Datasheet
187Kb / 9P
   Dual 90MHz 6-Bit Analog to Digital Converter
logo
Zarlink Semiconductor I...
VP215 ZARLINK-VP215 Datasheet
109Kb / 7P
   Dual 90MHz 6-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com