Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8578T Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TDA8578T
Description  Dual common-mode rejection differential line receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8578T Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TDA8578T Datasheet HTML 5Page - NXP Semiconductors TDA8578T Datasheet HTML 6Page - NXP Semiconductors TDA8578T Datasheet HTML 7Page - NXP Semiconductors TDA8578T Datasheet HTML 8Page - NXP Semiconductors TDA8578T Datasheet HTML 9Page - NXP Semiconductors TDA8578T Datasheet HTML 10Page - NXP Semiconductors TDA8578T Datasheet HTML 11Page - NXP Semiconductors TDA8578T Datasheet HTML 12Page - NXP Semiconductors TDA8578T Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
1995 Dec 15
10
Philips Semiconductors
Product specification
Dual common-mode rejection differential
line receiver
TDA8578
PACKAGE OUTLINES
UNIT
A
max.
1
2
b1
cE
e
MH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
SOT38-1
92-10-02
95-01-19
A
min.
A
max.
b
max.
w
ME
e 1
1.40
1.14
0.055
0.045
0.53
0.38
0.32
0.23
21.8
21.4
0.86
0.84
6.48
6.20
0.26
0.24
3.9
3.4
0.15
0.13
0.254
2.54
7.62
0.30
8.25
7.80
0.32
0.31
9.5
8.3
0.37
0.33
2.2
0.087
4.7
0.51
3.7
0.15
0.021
0.015
0.013
0.009
0.01
0.10
0.020
0.19
050G09
MO-001AE
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
16
1
9
8
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
(1)
(1)
D
(1)
Z
DIP16: plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1


Numéro de pièce similaire - TDA8578T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8571 PHILIPS-TDA8571 Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8574 PHILIPS-TDA8574 Datasheet
141Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
TDA8574T PHILIPS-TDA8574T Datasheet
141Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
TDA8575 PHILIPS-TDA8575 Datasheet
114Kb / 16P
   Ground noise isolation amplifier
1996 Jul 29
More results

Description similaire - TDA8578T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8579T PHILIPS-TDA8579T_15 Datasheet
531Kb / 16P
   Dual common-mode rejection differential line receiver
Rev. 4-23 September 2013
TDA8579 PHILIPS-TDA8579 Datasheet
66Kb / 13P
   Dual common-mode rejection differential line receiver
1995 Dec 15
logo
Analog Devices
SSM2141 AD-SSM2141_15 Datasheet
208Kb / 8P
   High Common-Mode Rejection Differential Line Receiver
SSM2141 AD-SSM2141 Datasheet
205Kb / 6P
   High Common-Mode Rejection Differential Line Receiver
REV. B
SSM2141SZ AD-SSM2141SZ Datasheet
208Kb / 8P
   High Common-Mode Rejection Differential Line Receiver
REV. C
logo
Texas Instruments
INA1650 TI1-INA1650 Datasheet
1Mb / 39P
[Old version datasheet]   SoundPlus High Common-Mode Rejection Line Receiver
INA1650-Q1 TI1-INA1650-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   SoundPlus High Common-Mode Rejection Line Receiver
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
UA9639C TI-UA9639C Datasheet
101Kb / 7P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS9637A NSC-DS9637A Datasheet
142Kb / 6P
   Dual Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com