Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC-08CN Fiches technique(PDF) 11 Page - ON Semiconductor

No de pièce DAC-08CN
Description  8?묪it High?뭆peed Multiplying D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAC-08CN Fiches technique(HTML) 11 Page - ON Semiconductor

Back Button DAC-08CN Datasheet HTML 6Page - ON Semiconductor DAC-08CN Datasheet HTML 7Page - ON Semiconductor DAC-08CN Datasheet HTML 8Page - ON Semiconductor DAC-08CN Datasheet HTML 9Page - ON Semiconductor DAC-08CN Datasheet HTML 10Page - ON Semiconductor DAC-08CN Datasheet HTML 11Page - ON Semiconductor DAC-08CN Datasheet HTML 12Page - ON Semiconductor DAC-08CN Datasheet HTML 13Page - ON Semiconductor DAC-08CN Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DAC−08 SERIES
http://onsemi.com
11
NOTES:
R1 = low T.C.
R3 = R1 + R2
R2 ≈ 0.1 R1 to minimize pot. contribution to full-scale drift
14
15
2
4
DAC-08
VREF
V+
V−
R4 = 1MW
RS = 20kW
R3
R2
R1
Figure 26. Recommended Full−Scale and Zero−Scale Adjust
VOUT =
14
15
DAC-08
+
NE531
OR
EQUIV
0 TO +10V
IR = 2mA
4
2
5k
W
5k
W (LOW T.C.)
Figure 27. Unipolar Voltage Output for Low Impedance Output


Numéro de pièce similaire - DAC-08CN

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
DAC-08CN PHILIPS-DAC-08CN Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
DAC-08CN PHILIPS-DAC-08CN Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
More results

Description similaire - DAC-08CN

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
ON Semiconductor
MC1408-8 ONSEMI-MC1408-8 Datasheet
119Kb / 9P
   8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com