Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1016-2.8VLTTR Fiches technique(PDF) 6 Page - Microchip Technology

No de pièce TC1016-2.8VLTTR
Description  80 mA, Tiny CMOS LDO With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1016-2.8VLTTR Fiches technique(HTML) 6 Page - Microchip Technology

Back Button TC1016-2.8VLTTR Datasheet HTML 2Page - Microchip Technology TC1016-2.8VLTTR Datasheet HTML 3Page - Microchip Technology TC1016-2.8VLTTR Datasheet HTML 4Page - Microchip Technology TC1016-2.8VLTTR Datasheet HTML 5Page - Microchip Technology TC1016-2.8VLTTR Datasheet HTML 6Page - Microchip Technology TC1016-2.8VLTTR Datasheet HTML 7Page - Microchip Technology TC1016-2.8VLTTR Datasheet HTML 8Page - Microchip Technology TC1016-2.8VLTTR Datasheet HTML 9Page - Microchip Technology TC1016-2.8VLTTR Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TC1016
DS21666B-page 6
© 2005 Microchip Technology Inc.
FIGURE 2-19:
Power Supply Rejection
Ratio vs. Frequency.
FIGURE 2-20:
Wake-Up Response.
FIGURE 2-21:
Wake-Up Response.
FIGURE 2-22:
Load Transient Response.
FIGURE 2-23:
Load Transient Response.
FIGURE 2-24:
Line Transient Response.
-80
-70
-60
-50
-40
-30
-20
-10
0 10
1 000
1 00000
Frequency (Hz)
10
100
1K
10K
100K
1M
V
INDC = 2.8V
V
INAC = 100 mVp-p
V
OUTDC = 1.8V
I
OUT = 50 mA
C
OUT = 1 μF X7R Ceramic
VIN = 2.8V
CIN = 10 µF
COUT = 1 µF Ceramic
VOUT = 1.8V
Shutdown Input
VIN = 2.8V
CIN = 10 µF
COUT = 4.7 µF Ceramic
VOUT = 1.8V
Shutdown Input
VIN = 2.8V
CIN = 10 µF
COUT = 1 µF Ceramic
VOUT = 1.8V
IOUT = 0.1 mA to 60 mA
VIN = 2.8V
CIN = 10 µF
COUT = 1 µF Ceramic
VOUT = 1.8V
IOUT = 0.1 mA to 60 mA
ILOAD = 60 mA
CIN = 0 µF
COUT = 1 µF Ceramic
VOUT = 1.8V
IOUT = 2.8V to 3.8V


Numéro de pièce similaire - TC1016-2.8VLTTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1016-2.8VLTTR MICROCHIP-TC1016-2.8VLTTR Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results

Description similaire - TC1016-2.8VLTTR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1016 MICROCHIP-TC1016_13 Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016 MICROCHIP-TC1016 Datasheet
327Kb / 20P
   80MA TINY CMOS LDO WITH SHUTDOWN
2001
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com