Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1025CEPA Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce TC1025CEPA
Description  Linear Building Block - Dual Low Power Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1025CEPA Fiches technique(HTML) 4 Page - Microchip Technology

  TC1025CEPA Datasheet HTML 1Page - Microchip Technology TC1025CEPA Datasheet HTML 2Page - Microchip Technology TC1025CEPA Datasheet HTML 3Page - Microchip Technology TC1025CEPA Datasheet HTML 4Page - Microchip Technology TC1025CEPA Datasheet HTML 5Page - Microchip Technology TC1025CEPA Datasheet HTML 6Page - Microchip Technology TC1025CEPA Datasheet HTML 7Page - Microchip Technology TC1025CEPA Datasheet HTML 8Page - Microchip Technology TC1025CEPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC1025
DS21656C-page 4
© 2005 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC1025 is one of a series of very low-power, linear
building block products targeted at low-voltage, single-
supply applications. The TC1025 minimum operating
voltage is 1.8V, and typical supply current is only 8
μA.
It combines two comparators in a single package.
3.1
Comparators
The TC1025 contains two comparators. The compara-
tor’s input range extends beyond both supply voltages
by 200mV and the outputs will swing to within several
millivolts of the supplies depending on the load current
being driven.
The comparators exhibit propagation delay and supply
current which are largely independent of supply
voltage. The low input bias current and offset voltage
make them suitable for high impedance precision
applications.
4.0
TYPICAL APPLICATIONS
The TC1025 lends itself to a wide variety of
applications, particularly in battery-powered systems.
Typically, it finds application in power management,
processor supervisory, and interface circuitry.
4.1
External Hysteresis (Comparator)
Hysteresis can be set externally with two resistors
using positive feedback techniques (see Figure 4-1).
The design procedure for setting external comparator
hysteresis is as follows:
1.
Choose the feedback resistor RC. Since the
input bias current of the comparator is at most
100pA, the current through RC can be set to
100nA (i.e., 1000 times the input bias current)
and retain excellent accuracy. The current
through RC at the comparator’s trip point is VR/
RC where VR is a stable reference voltage.
2.
Determine the hysteresis voltage (VHY) between
the upper and lower thresholds.
3.
Calculate RA as follows:
EQUATION 4-1:
4.
Choose the rising threshold voltage for VSRC
(VTHR).
5.
Calculate RB as follows:
EQUATION 4-2:
6.
Verify
the
threshold
voltages
with
these
formulas:
VSRC rising:
EQUATION 4-3:
VSRC falling:
EQUATION 4-4:
R
A
R
C
V
HY
V
DD
-----------
⎝⎠
⎛⎞
=
R
B
1
V
THR
V
R
R
A
×
---------------------
⎞ 1
R
A
-------
1
R
C
-------
-----------------------------------------------------------
=
V
THR
V
R
() R
A
()
1
R
A
-------
⎝⎠
⎛⎞
1
R
B
-------
⎝⎠
⎛⎞
1
R
C
-------
⎝⎠
⎛⎞
++
=
V
THF
V
THR
R
A
V
DD
×
R
C
-------------------------
⎝⎠
⎛⎞
=


Numéro de pièce similaire - TC1025CEPA

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC1025COA TELCOM-TC1025COA Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER COMPARATOR
TC1025CPA TELCOM-TC1025CPA Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER COMPARATOR
TC1025CUA TELCOM-TC1025CUA Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER COMPARATOR
More results

Description similaire - TC1025CEPA

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC1025 TELCOM-TC1025 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER COMPARATOR
TC1031 TELCOM-TC1031 Datasheet
22Kb / 1P
   LINEAR BUILDING BLOCK - LOW POWER COMPARATOR AND VOLTAGE REFERENCE
logo
Microchip Technology
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
   Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1027 MICROCHIP-TC1027 Datasheet
486Kb / 18P
   Linear Building Block - Quad Low Power Comparator and Voltage Reference
2002
logo
TelCom Semiconductor, I...
TC1027 TELCOM-TC1027 Datasheet
28Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE
logo
Microchip Technology
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
   Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
logo
TelCom Semiconductor, I...
TC1029 TELCOM-TC1029 Datasheet
25Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
logo
Microchip Technology
TC1029 MICROCHIP-TC1029 Datasheet
486Kb / 14P
   Linear Building Block - Dual Low Power Op Amp
2002
logo
TelCom Semiconductor, I...
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com