Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC3682EUA Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce TC3682EUA
Description  Inverting Charge Pump Voltage Doublers with Active Low Shutdown
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3682EUA Fiches technique(HTML) 4 Page - Microchip Technology

  TC3682EUA Datasheet HTML 1Page - Microchip Technology TC3682EUA Datasheet HTML 2Page - Microchip Technology TC3682EUA Datasheet HTML 3Page - Microchip Technology TC3682EUA Datasheet HTML 4Page - Microchip Technology TC3682EUA Datasheet HTML 5Page - Microchip Technology TC3682EUA Datasheet HTML 6Page - Microchip Technology TC3682EUA Datasheet HTML 7Page - Microchip Technology TC3682EUA Datasheet HTML 8Page - Microchip Technology TC3682EUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC3682/TC3683/TC3684
DS21556C-page 4
© 2005 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC3682/TC3683/TC3684 inverting charge pumps
perform a -2x multiplication of the voltage applied to
the VIN pin. Conversion is performed using two
synchronous switching matrices and three external
capacitors. When the shutdown input is held at a logic
low, the device goes into a very low power mode of
operation consuming less than 1
μA of supply current.
Figure 3-1 is a block diagram representation of the
TC3682/TC3683/TC3684 architecture. The first switch-
ing stage inverts the voltage present at VIN and the
second stage uses the ‘-VIN’ output generated from the
first stage to produce the ‘-2X’ output function from the
second stage switching matrix.
Each device contains an on-board oscillator that
synchronously controls the operation of the charge
pump switching matrices. The TC3682 synchronously
switches
at
12kHz,
the
TC3683
synchronously
switches at 35kHz, and the TC3684 synchronously
switches at 125kHz. The different oscillator frequencies
for this device family allow the user to trade-off
capacitor size versus supply current. Faster oscillators
can use smaller external capacitors, but will consume
more
supply
current
(see
Section 1.0
Electrical
Characteristics).
When the shutdown input is in a low state, the oscillator
and both switch matrices are powered off placing the
TC3682/TC3683/TC3684 in the shutdown mode.
When the VIN supply input is powered from an external
battery,
the
shutdown
mode
minimizes
power
consumption, which in turn will extend the life of the
battery.
FIGURE 3-1:
TC3682/TC3683/TC3684 ARCHITECTURE
SHDN
ENABLE
ENABLE
ENABLE
-2VIN
-VIN
+
COUT2
VIN
Switch Matrix
(1st Stage)
Switch Matrix
(2nd Stage)
Oscillator
C1
+
C2
+
+
COUT1


Numéro de pièce similaire - TC3682EUA

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC3682EUA MICROCHIP-TC3682EUA Datasheet
407Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2002
More results

Description similaire - TC3682EUA

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC3682 MICROCHIP-TC3682 Datasheet
407Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2002
TC1682 MICROCHIP-TC1682 Datasheet
406Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active High Shutdown
2002
TC1682 MICROCHIP-TC1682_05 Datasheet
239Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active High Shutdown
2005
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
   Inverting Charge Pump Voltage Doublers
2005
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697 Datasheet
222Kb / 12P
   60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 0; 7/99
MAX1697 MAXIM-MAX1697_08 Datasheet
379Kb / 13P
   60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 3; 12/08
logo
Microchip Technology
TC1235 MICROCHIP-TC1235 Datasheet
1Mb / 10P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
2001
logo
ON Semiconductor
MC1121 ONSEMI-MC1121 Datasheet
102Kb / 8P
   100mA Charge Pump Voltage Converter with Shutdown
February, 2000 ??Rev. 0
logo
Linear Technology
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com