Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC4427AEPA Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce TC4427AEPA
Description  1.5A Dual High-Speed Power MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4427AEPA Fiches technique(HTML) 5 Page - Microchip Technology

  TC4427AEPA Datasheet HTML 1Page - Microchip Technology TC4427AEPA Datasheet HTML 2Page - Microchip Technology TC4427AEPA Datasheet HTML 3Page - Microchip Technology TC4427AEPA Datasheet HTML 4Page - Microchip Technology TC4427AEPA Datasheet HTML 5Page - Microchip Technology TC4427AEPA Datasheet HTML 6Page - Microchip Technology TC4427AEPA Datasheet HTML 7Page - Microchip Technology TC4427AEPA Datasheet HTML 8Page - Microchip Technology TC4427AEPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21423F-page 5
TC4426A/TC4427A/TC4428A
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, over operating temperature range with 4.5V
≤ VDD ≤ 18V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Delay Time vs. Input
Amplitude.
FIGURE 2-3:
Rise and Fall Times vs.
Temperature.
FIGURE 2-4:
Fall Time vs. Supply
Voltage.
FIGURE 2-5:
Propagation Delay Time vs.
Supply Voltage.
FIGURE 2-6:
Propagation Delay Time vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
5.0
7.5
10.0
12.5
15.0
17.5
0
20
40
60
80
100
TA = +25°C
VDD (V)
CL = 2200 pF
CL = 1500 pF
CL = 100 pF
CL = 1000 pF
CL = 470 pF
12
3
4
5
6
7
8
9
20
70
60
50
40
30
80
90
100
110
Input Amplitude (V)
CL = 1000 pF
VDD = 10V
tD1
tD2
-100
-50
0
50
100
150
24
22
20
18
16
14
26
28
CL = 1000 pF
VDD = 18V
TEMPERATURE (
°C)
tFALL
tRISE
5.0
7.5
10.0
12.5
15.0
17.5
0
20
40
60
80
100
CL= 100pF
TA = +25°C
VDD (V)
CL = 2200pF
CL = 2200 pF
CL = 1500 pF
CL = 100 pF
CL = 1000 pF
CL = 470 pF
0
5
10
15
20
50
45
40
35
30
25
20
55
60
VDD (V)
CL = 1000 pF
tD1
tD2
15
20
25
30
35
40
-100
-50
0
50
100
150
CL = 1000 pF
VDD = 18V
TEMPERATURE (
°C)
tD1
tD2


Numéro de pièce similaire - TC4427AEPA

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC4427AEPA TELCOM-TC4427AEPA Datasheet
64Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4427AEPA MICROCHIP-TC4427AEPA Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results

Description similaire - TC4427AEPA

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com