Moteur de recherche de fiches techniques de composants électroniques |
|
TC4422EG Fiches technique(PDF) 10 Page - Microchip Technology |
|
TC4422EG Fiches technique(HTML) 10 Page - Microchip Technology |
10 / 18 page TC4421/TC4422 DS21420D-page 10 2004 Microchip Technology Inc. 5.0 PACKAGING INFORMATION 5.1 Package Marking Information XXXXXXXX XXXXXNNN YYWW 8-Lead PDIP (300 mil) Example: TC4421 CPA256 0420 Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard OTP marking consists of Microchip part number, year code, week code, and traceability code. 5-Lead TO-220 XXXXXXXXX XXXXXXXXX YYWWNNN Example: TC4421CAT XXXXXXXXX 0420256 8-Lead DFN Example : XXXXXXX XXXXXXX XXYYWW NNN TC4421 EMF 0420 256 8-Lead SOIC (208 mil) Example: XXXXXXXX XXXXXXXX YYWWNNN GTC4421 ESM 0420256 |
Numéro de pièce similaire - TC4422EG |
|
Description similaire - TC4422EG |