Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8547T Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA8547T
Description  2 x 1 W BTL audio amplifier with output channel switching
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8547T Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA8547T Datasheet HTML 1Page - NXP Semiconductors TDA8547T Datasheet HTML 2Page - NXP Semiconductors TDA8547T Datasheet HTML 3Page - NXP Semiconductors TDA8547T Datasheet HTML 4Page - NXP Semiconductors TDA8547T Datasheet HTML 5Page - NXP Semiconductors TDA8547T Datasheet HTML 6Page - NXP Semiconductors TDA8547T Datasheet HTML 7Page - NXP Semiconductors TDA8547T Datasheet HTML 8Page - NXP Semiconductors TDA8547T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1997 Oct 07
5
Philips Semiconductors
Preliminary specification
2
× 1 W BTL audio amplifier with output
channel switching
TDA8547
operate and the power amplifier of channel 2 will be in the
standby mode. In this case only the loudspeaker at
channel 1 can operate and the loudspeaker at channel 2
will be switched off. Setting the SELECT pin to a LOW or
a HIGH voltage results in a reduction of quiescent current
consumption by a factor of approximately 2.
Switching with the SELECT pin during operating is not
plop-free, because the input capacitor of the channel
which is coming out of standby needs to be charged first.
For plop-free channel selecting the device has first to be
set in mute condition with the MODE pin (between 1.5 V
and VCC − 1.5 V), then set the SELECT pin to the new
level, after a delay set the MODE pin to a LOW level.
The delay needed depends on the values of the input
capacitor and the feedback resistors. Time needed is
approx. 10
× C1 × (R1 + R2), so approximately 0.6 s. for
the values in Fig.4.
Table 1
Control pins MODE and SELECT versus status of output channels
Voltage levels at control pins at VP = 5 V; for other supply voltages see Figs. 14 and 15.
Notes
1. HIGH = Vpin >VCC − 0.5 V.
2. NC = not connected or floating.
3. X = don’t care.
4. HVP = 1.5 V < Vpin <VCC − 1.5 V.
5. LOW = Vpin < 0.5 V.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611-E”. The number of the quality specification can be found in the “Quality Reference
Handbook”. The handbook can be ordered using the code 9397 750 00192.
CONTROL PIN
STATUS OF OUTPUT CHANNEL
TYP. Iq
(mA)
MODE
SELECT
CHANNEL 1
CHANNEL 2
HIGH(1)/NC(2)
X(3)
standby
standby
0
HVP(4)
HVP(4)/NC(2)
mute
mute
15
LOW(5)
HVP(4)/NC(2)
on
on
15
HVP(4)/LOW(5)
HIGH(1)
mute/on
standby
8
HVP(4)/LOW(5)
HVP(4)/NC(2)
mute/on
mute/on
15
HVP(4)/LOW(5)
LOW(5)
standby
mute/on
8
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
operating
−0.3
+18
V
VI
input voltage
−0.3
VCC + 0.3
V
IORM
repetitive peak output current
1A
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
VPsc
AC and DC short-circuit safe voltage
10
V
Ptot
total power dissipation
SO16
1.2
W
DIP16
2.2
W


Numéro de pièce similaire - TDA8547T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS Datasheet
162Kb / 20P
   2 x 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
   2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
More results

Description similaire - TDA8547T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS Datasheet
162Kb / 20P
   2 x 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
   2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com