Moteur de recherche de fiches techniques de composants électroniques |
|
TS1872 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
TS1872 Fiches technique(HTML) 11 Page - STMicroelectronics |
11 / 27 page TS1871-TS1872-TS1874 Electrical characteristics 11/27 Figure 19. Output current vs. temperature Figure 20. Output current vs. temperature -40 -20 0 20 40 60 80 100 120 140 Temperature (°C) -100 -50 0 50 100 Isink Vcc = 1.8V Vid = 1V Isource -40 -20 0 20 40 60 80 100 120 140 Temperature (°C) -100 -50 0 50 100 Isink Vcc = 1.8V Vid = 1V Isource -40 -20 0 20 40 60 80 100 120 140 Temperature (°C) -100 -50 0 50 100 Isink Vcc = 3V Vid = 1V Isource -40 -20 0 20 40 60 80 100 120 140 Temperature (°C) -100 -50 0 50 100 Isink Vcc = 3V Vid = 1V Isource Figure 21. Output current vs. temperature Figure 22. Output current vs. output voltage -40 -20 0 20 40 60 80 100 120 140 Temperature (°C) -100 -50 0 50 100 Isink Vcc = 5V Vid = 1V Isource -40 -20 0 20 40 60 80 100 120 140 Temperature (°C) -100 -50 0 50 100 Isink Vcc = 5V Vid = 1V Isource 0.0 0.5 1.0 1.5 2.0 Output voltage (V) -100 -50 0 50 100 sink Vcc = 1.8V Vid = 0.1V Vicm = 0.9V source T = 25 °C T = -40 °C T = 125 °C T = 125 °C T = -40 °C T = 25 °C 0.0 0.5 1.0 1.5 2.0 Output voltage (V) -100 -50 0 50 100 sink Vcc = 1.8V Vid = 0.1V Vicm = 0.9V source T = 25 °C T = -40 °C T = 125 °C T = 125 °C T = -40 °C T = 25 °C Figure 23. Output current vs. output voltage Figure 24. Output current vs. output voltage 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 Output voltage (V) -100 -50 0 50 100 sink Vcc = 3V Vid = 0.1V Vicm = 1.5V source T = 25 °C T = -40 °C T = 125 °C T = 125 °C T = -40 °C T = 25 °C 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 Output voltage (V) -100 -50 0 50 100 sink Vcc = 3V Vid = 0.1V Vicm = 1.5V source T = 25 °C T = -40 °C T = 125 °C T = 125 °C T = -40 °C T = 25 °C 0.0 1.0 2.0 3.0 4.0 5.0 Output voltage (V) -100 -50 0 50 100 sink Vcc = 5V Vid = 0.1V Vicm = 2.5V source T = 25 °C T = -40 °C T = 125 °C T = 125 °C T = -40 °C T = 25 °C 0.0 1.0 2.0 3.0 4.0 5.0 Output voltage (V) -100 -50 0 50 100 sink Vcc = 5V Vid = 0.1V Vicm = 2.5V source T = 25 °C T = -40 °C T = 125 °C T = 125 °C T = -40 °C T = 25 °C |
Numéro de pièce similaire - TS1872 |
|
Description similaire - TS1872 |