Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8446T Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA8446T
Description  Fast RGB/YC switch for digital decoding
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8446T Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA8446T Datasheet HTML 7Page - NXP Semiconductors TDA8446T Datasheet HTML 8Page - NXP Semiconductors TDA8446T Datasheet HTML 9Page - NXP Semiconductors TDA8446T Datasheet HTML 10Page - NXP Semiconductors TDA8446T Datasheet HTML 11Page - NXP Semiconductors TDA8446T Datasheet HTML 12Page - NXP Semiconductors TDA8446T Datasheet HTML 13Page - NXP Semiconductors TDA8446T Datasheet HTML 14Page - NXP Semiconductors TDA8446T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1995 Feb 16
11
Philips Semiconductors
Product specification
Fast RGB/YC switch for digital decoding
TDA8446
UNIT
A
max.
A1
A2
A3
bp
cD
(1)
E
(1)
(1)
eHE
LLp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
2.65
0.30
0.10
2.45
2.25
0.49
0.36
0.32
0.23
18.1
17.7
7.6
7.4
1.27
10.65
10.00
1.1
1.0
0.9
0.4
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
1.1
0.4
SOT136-1
91-08-13
95-01-24
X
14
28
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
c
L
v M A
e
15
1
(A )
3
A
y
0.25
075E06
MS-013AE
pin 1 index
0.10
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.71
0.69
0.30
0.29
0.050
1.4
0.055
0.42
0.39
0.043
0.039
0.035
0.016
0.01
0.25
0.01
0.004
0.043
0.016
0.01
0
5
10 mm
scale
SO28: plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1


Numéro de pièce similaire - TDA8446T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA844 PHILIPS-TDA844 Datasheet
116Kb / 16P
   Octuple 6-bit DACs with I2C-bus
1999 Apr 29
TDA8440 PHILIPS-TDA8440 Datasheet
74Kb / 12P
   Switch for CTV receivers
November 1985
TDA8440C3 PHILIPS-TDA8440C3 Datasheet
74Kb / 12P
   Switch for CTV receivers
November 1985
TDA8442 PHILIPS-TDA8442 Datasheet
85Kb / 10P
   I2C-bus interface for colour decoders
March 1991
TDA8443A PHILIPS-TDA8443A Datasheet
124Kb / 20P
   I2C-bus controlled YUV/RGB switch
1995 Mar 07
More results

Description similaire - TDA8446T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SAA7341 PHILIPS-SAA7341 Datasheet
1,002Kb / 28P
   COMS Digital decoding IC for Compact Disc
November 1991
TDA8601 PHILIPS-TDA8601 Datasheet
237Kb / 20P
   RGB/YUV and fast blanking switch
1996 Jun 27
SAA7345 PHILIPS-SAA7345 Datasheet
92Kb / 40P
   CMOS digital decoding IC with RAM for Compact Disc
1998 Feb 16
logo
Panasonic Semiconductor
AN5860 PANASONIC-AN5860 Datasheet
87Kb / 3P
   Analog Switch ICs for RGB Interface
AN5862K PANASONIC-AN5862K Datasheet
146Kb / 3P
   ANALOG SWITCH ICS FOR RGB INTERFACE
logo
Broadcom Corporation.
APDS-9253-001 BOARDCOM-APDS-9253-001 Datasheet
794Kb / 28P
   Digital RGB Sensor
March 12, 2019
logo
Panasonic Semiconductor
MN82860 PANASONIC-MN82860 Datasheet
192Kb / 4P
   Digital RGB Processor LSI
logo
Toshiba Semiconductor
TC9090AN TOSHIBA-TC9090AN Datasheet
787Kb / 23P
   Multicolor system Version 3-Line digital YC Separation ic
logo
STMicroelectronics
AN431 STMICROELECTRONICS-AN431 Datasheet
495Kb / 15P
   Using ST6 analog inputs for multiple key decoding
logo
NXP Semiconductors
TDA8758 PHILIPS-TDA8758 Datasheet
196Kb / 24P
   YC 8-bit low-power analog-to-digital video interface
1996 Feb 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com