Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8444AT Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TDA8444AT
Description  Octuple 6-bit DACs with I2C-bus
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8444AT Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button TDA8444AT Datasheet HTML 2Page - NXP Semiconductors TDA8444AT Datasheet HTML 3Page - NXP Semiconductors TDA8444AT Datasheet HTML 4Page - NXP Semiconductors TDA8444AT Datasheet HTML 5Page - NXP Semiconductors TDA8444AT Datasheet HTML 6Page - NXP Semiconductors TDA8444AT Datasheet HTML 7Page - NXP Semiconductors TDA8444AT Datasheet HTML 8Page - NXP Semiconductors TDA8444AT Datasheet HTML 9Page - NXP Semiconductors TDA8444AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 Apr 29
6
Philips Semiconductors
Product specification
Octuple 6-bit DACs with I2C-bus
TDA8444; TDA8444T;
TDA8444AT
The circuit will not react to other combinations of the
4 instruction bits I3 to I0 than 0 or F, but will still generate
an acknowledge. The difference between
instruction 0 and F is only important when more than one
data byte is sent within one transmission. Instruction 0
causes the data bytes to be written into the DAC-latches
with consecutive subaddresses starting with the
subaddress given in the instruction byte (auto-increment of
subaddress), while instruction F will cause a consecutive
writing of the data bytes into the same DAC-latch whose
subaddress was given in the instruction byte. In case of
only one data byte the DAC-latch with the subaddress
equal to the subaddress in the instruction byte will receive
the data.
Valid subaddresses are: 0H to 7H.
The subaddresses correspond to DAC0 to DAC7.
The Auto-Increment (AI) function of instruction 0,
however, works on all possible subaddresses 0 to F in
such a way that next to subaddress F, subaddress 0 will
follow, and so on.
The data will be latched into the DAC-latch on the
positive-going edge of the acknowledge related clock
pulse.
The specification of the SCL and SDA I/O meets the
I2C-bus specification. For protection against positive
voltage pulses on pins 3 and 4, zener diodes are
connected between these pins and VEE. This means that
normal bus line voltage should not exceed 5.5 V.
The address inputs A0, A1 and A2 can be easily
programmed by either a connection to VEE (An = 0) or VCC
(An = 1). If the inputs are left floating the result will be
An = 1.
VMAX
The VMAX input gives a means of compressing the DAC
output voltage swing. The maximum DAC output voltage
will be equal to VMAX +VDAC(min), while the 6-bit resolution
is maintained. This enables a higher voltage resolution for
smaller output swings.
DACs
The DACs consist of a 6-bit data-latch, current switches
and an opamp. The current sources connected to the
switches have values with weights 20 to 25. The sum of the
switched on currents is converted by the opamp into a
voltage between approximately 0.5 and 10.5 V if
VMAX =VCC = 12 V. The DAC outputs are short-circuit
protected against VCC and VEE. Capacitive load on the
DAC outputs should not exceed 2 nF in order to prevent
possible oscillations at certain levels. The temperature
coefficient for each of the outputs remains in all possible
conditions well below 0.1 LSB per Kelvin.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611-E”.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+18
V
ICC
supply current
−10
+40
mA
P(max)
maximum power dissipation
500
mW
Vi(n)
input voltage
−0.5
+5.9
V
pins SDA and SCL
−0.5
+5.9
V
pins VMAX, A0 to A2 and DAC0 to DAC7
−0.5
VCC + 0.5
V
In
current in all pins except VCC and VEE
−±10
mA
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
−20
+70
°C


Numéro de pièce similaire - TDA8444AT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8440 PHILIPS-TDA8440 Datasheet
74Kb / 12P
   Switch for CTV receivers
November 1985
TDA8440C3 PHILIPS-TDA8440C3 Datasheet
74Kb / 12P
   Switch for CTV receivers
November 1985
TDA8442 PHILIPS-TDA8442 Datasheet
85Kb / 10P
   I2C-bus interface for colour decoders
March 1991
TDA8443A PHILIPS-TDA8443A Datasheet
124Kb / 20P
   I2C-bus controlled YUV/RGB switch
1995 Mar 07
TDA8446 PHILIPS-TDA8446 Datasheet
106Kb / 16P
   Fast RGB/YC switch for digital decoding
1995 Feb 16
More results

Description similaire - TDA8444AT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
Analog Devices
LTC2633 AD-LTC2633 Datasheet
971Kb / 24P
   Dual 12-/10-/8-Bit I2C DACs
logo
NXP Semiconductors
P80CL410 PHILIPS-P80CL410 Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
logo
Linear Technology
LTC2606 LINER-LTC2606 Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2626 LINER-LTC2626_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
logo
NXP Semiconductors
PCA9558 NXP-PCA9558 Datasheet
165Kb / 27P
   8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM
Rev. 04-14 April 2009
logo
Analog Devices
LTC2631 AD-LTC2631 Datasheet
488Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
   Quad 12-/10-/8-Bit I2C DACs Reference
logo
Linear Technology
LTC2616 LINER-LTC2616_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com