Moteur de recherche de fiches techniques de composants électroniques |
|
AZV99NG Fiches technique(PDF) 4 Page - Arizona Microtek, Inc |
|
AZV99NG Fiches technique(HTML) 4 Page - Arizona Microtek, Inc |
4 / 15 page AZV99 April 2007 * REV - 9 www.azmicrotek.com 4 LVDS DC Characteristics for QHG/Q ¯ HG Outputs 1 (VEE = GND, VCC = +3.0V to +5.5V) -40 °C 0 °C 25 °C 85 °C Symbol Characteristic Min Max Min Max Min Max Min Max Unit VOH Output HIGH Voltage 1600 1600 1600 1600 mV VOL Output LOW Voltage 900 900 900 900 mV VOC Output Common Mode Voltage2 1125 1375 1125 1375 1125 1375 1125 1375 mV ΔVOC Change in Common Mode Voltage3 -50 50 -50 50 -50 50 -50 50 mV VOUT Single-Ended Output Swing 250 450 250 450 250 450 250 450 mV VDIFF_OUT Differential Output Swing 500 900 500 900 500 900 500 900 mV 1. Specified with 100 Ω resistor connecting QHG and Q¯HG together. 2. Common mode voltage is the center voltage between QHG and Q ¯HG during a steady state. 3. Change in common mode voltage is the difference between common mode voltages at opposite binary states. AC Characteristics (VEE = GND, VCC = +3.0V to +5.5V) -40 °C 0 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Min Typ Max Unit tPLH / tPHL Propagation Delay D to Q/Q ¯ Outputs1 (SE) D to QHG/Q ¯ HG Outputs2 (SE) 400 550 400 550 400 550 430 630 ps tSKEW Duty Cycle Skew Q/Q ¯ 3 (SE) 5 20 5 20 5 20 5 20 ps VPP (AC) Differnetial Input Swing4 80 1000 80 1000 80 1000 80 1000 mV tr / tf Output Rise/Fall Times (20% - 80%) Q/Q ¯ 1 QHG/Q ¯HG2 100 180 260 280 100 180 260 280 100 180 260 280 100 180 260 280 ps 1. Specified with CS-SEL connected to VEE and Q/Q ¯ with AC coupled 50 Ω loads. 2. Specified with 100 Ω resistor connecting QHG and Q¯HG together. 3. Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device. 4. The peak-to-peak differential input swing is the range for which AC parameters guaranteed. VD and VD¯ must remain within the range of ±750 mV with respect to VBB. AC PP INPUT D D VPP (AC) |
Numéro de pièce similaire - AZV99NG |
|
Description similaire - AZV99NG |