Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL072A Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce TL072A
Description  Low noise J-FET dual operational amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL072A Fiches technique(HTML) 1 Page - STMicroelectronics

  TL072A Datasheet HTML 1Page - STMicroelectronics TL072A Datasheet HTML 2Page - STMicroelectronics TL072A Datasheet HTML 3Page - STMicroelectronics TL072A Datasheet HTML 4Page - STMicroelectronics TL072A Datasheet HTML 5Page - STMicroelectronics TL072A Datasheet HTML 6Page - STMicroelectronics TL072A Datasheet HTML 7Page - STMicroelectronics TL072A Datasheet HTML 8Page - STMicroelectronics TL072A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
March 2007
Rev 4
1/16
16
TL072
TL072A - TL072B
Low noise J-FET dual operational amplifiers
Features
Wide common-mode (up to VCC
+) and
differential voltage range
Low input bias and offset current
Low noise en = 15nV/√Hz (typ)
Output short-circuit protection
High input impedance J–FET input stage
Low harmonic distortion: 0.01% (typ)
Internal frequency compensation
Latch-up free operation
High slew rate : 16V/
μs (typ)
Description
The TL072, TL072A and TL072B are high speed
J–FET input dual operational amplifiers
incorporating well matched, high voltage J–FET
and bipolar transistors in a monolithic integrated
circuit.
The devices feature high slew rates, low input
bias and offset current, and low offset voltage
temperature coefficient.
N
DIP8
(Plastic package)
D
SO8
(Plastic micropackage)
1
2
3
45
6
7
8
-
+
-
+
Pin connections
(top view)
1 - Output 1
2 - Inverting input 1
3 - Non-inverting input 1
4 - VCC
-
5 - Non-inverting input 2
6 -Inverting input 2
7 - Output 2
8 - VCC
+
www.st.com


Numéro de pièce similaire - TL072A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL072A TI-TL072A Datasheet
903Kb / 36P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL072A TI-TL072A Datasheet
2Mb / 69P
[Old version datasheet]   TL07xx Low-Noise JFET-Input Operational Amplifiers
TL072A TI-TL072A Datasheet
487Kb / 15P
[Old version datasheet]   LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
TL072A TI-TL072A Datasheet
4Mb / 80P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
logo
STMicroelectronics
TL072A STMICROELECTRONICS-TL072A Datasheet
115Kb / 9P
   LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
December 1998
More results

Description similaire - TL072A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TL072 STMICROELECTRONICS-TL072 Datasheet
115Kb / 9P
   LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
December 1998
logo
Leshan Radio Company
LR072 LRC-LR072 Datasheet
862Kb / 6P
   LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
logo
Mitsubishi Electric Sem...
M5238AL MITSUBISHI-M5238AL Datasheet
144Kb / 4P
   DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
M5240P MITSUBISHI-M5240P Datasheet
347Kb / 6P
   DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM072C NJRC-NJM072C Datasheet
1Mb / 21P
   LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071 Datasheet
90Kb / 9P
   LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
December 1998
logo
Leshan Radio Company
LR074 LRC-LR074 Datasheet
991Kb / 5P
   LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_01 Datasheet
290Kb / 10P
   LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
TL074 STMICROELECTRONICS-TL074 Datasheet
108Kb / 11P
   LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL072 INTEGRAL-IL072 Datasheet
578Kb / 7P
   Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com