Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8123ACPZ-RL Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8123ACPZ-RL
Description  Triple Differential Receiver with Adjustable Line Equalization
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8123ACPZ-RL Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8123ACPZ-RL Datasheet HTML 2Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 3Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 4Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 5Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 6Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 7Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 8Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 9Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8123
Rev. 0 | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTION
1
NC
+INCMP1
OUTCMP1
VS+_CMP
VS–
VS+
VOFFSET
GND
VPOLE
VPEAK
VGAIN
–INCMP1
OUTCMP2
–INCMP2
+INCMP2
NC
VS–_CMP
NC
PD
NC
1
2
3
4
5
6
7
8
9
10
23
24
25
26
27
28
29
30
22
21
TOP VIEW
(Not to Scale)
AD8123
2
NC = NO CONNECT
NOTES
1. EXPOSED PADDLE ON THE BOTTOM OF THE PACKAGE
MUST BE CONNECTED TO A PCB PLANE TO ACHIEVE
SPECIFIED THERMAL RESISTANCE.
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 10, 20, 21, 30, 40
NC
No Internal Connection.
2
+INCMP1
Positive Input, Comparator 1.
3
−INCMP1
Negative Input, Comparator 1.
4
OUTCMP1
Output, Comparator 1.
5
VS+_CMP
Positive Power Supply, Comparator. Must be connected to VS+.
6
OUTCMP2
Output, Comparator 2.
7
−INCMP2
Negative Input, Comparator 2.
8
+INCMP2
Positive Input, Comparator 2.
9
VS−_CMP
Negative Power Supply, Comparator. Must be connected to VS−.
11, 14, 17, 22, 33
VS−
Negative Power Supply, Equalizer Sections.
12
OUTB
Output, Blue Channel.
13, 16, 19, 29, 36
VS+
Positive Power Supply, Equalizer Sections.
15
OUTG
Output, Green Channel.
18
OUTR
Output, Red Channel.
23
VOFFSET
Output Offset Control Voltage.
24, 39
GND
Signal Ground Reference.
25
VGAIN
Broadband Flat Gain Control Voltage.
26
VPEAK
Equalizer High Frequency Boost Control Voltage.
27
VPOLE
Equalizer Pole Location Adjustment Control Voltage.
28
PD
Power Down.
31
+INR
Positive Input, Red Channel.
32
−INR
Negative Input, Red Channel.
34
+ING
Positive Input, Green Channel.
35
−ING
Negative Input, Green Channel.
37
+INB
Positive Input, Blue Channel.
38
−INB
Negative Input, Blue Channel.
Exposed Underside Pad
Thermal Plane Connection. Connect to any PCB plane with voltage between VS+ and VS−.


Numéro de pièce similaire - AD8123ACPZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8123ACPZ-RL AD-AD8123ACPZ-RL Datasheet
748Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
AD8123ACPZ-RL1 AD-AD8123ACPZ-RL1 Datasheet
734Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
REV. A
More results

Description similaire - AD8123ACPZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8123 AD-AD8123_16 Datasheet
748Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
AD8123ACPZ AD-AD8123ACPZ Datasheet
734Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
REV. A
AD8124 AD-AD8124 Datasheet
324Kb / 16P
   Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
REV. 0
AD8124 AD-AD8124_15 Datasheet
1Mb / 15P
   Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
AD8128 AD-AD8128_15 Datasheet
312Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
REV. 0
AD8128 AD-AD8128 Datasheet
311Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
REV. 0
AD8128 AD-AD8128_16 Datasheet
383Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
   Triple Differential Line Receiver
June 14 1990
logo
Analog Devices
AD8122 AD-AD8122 Datasheet
402Kb / 13P
   Triple Differential Receiver
Rev. PrC
logo
Micrel Semiconductor
SY56016R MICREL-SY56016R Datasheet
755Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Differential Line Driver/Receiver 6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com