Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8395 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA8395
Description  SECAM decoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8395 Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA8395 Datasheet HTML 1Page - NXP Semiconductors TDA8395 Datasheet HTML 2Page - NXP Semiconductors TDA8395 Datasheet HTML 3Page - NXP Semiconductors TDA8395 Datasheet HTML 4Page - NXP Semiconductors TDA8395 Datasheet HTML 5Page - NXP Semiconductors TDA8395 Datasheet HTML 6Page - NXP Semiconductors TDA8395 Datasheet HTML 7Page - NXP Semiconductors TDA8395 Datasheet HTML 8Page - NXP Semiconductors TDA8395 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
October 1991
5
Philips Semiconductors
Preliminary specification
SECAM decoder
TDA8395
CHARACTERISTICS
VP = 8.0 V; Tamb = 25 °C; unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pin 3)
VP
positive supply voltage
7.2
8.0
8.8
V
IP
supply current
18
25
mA
Ptot
total power dissipation
144
220
mW
CVBS input (pin 16)
V16(p-p)
composite video input voltage
(peak-to-peak value)
1.0
1.5
V
V16(p-p)
chrominance input voltage
(peak-to-peak value)
note 1
15
300
mV
ZI
input impedance
note 2
15
k
CLOCHE (pin 7)
Vtc
tuning voltage
2.5
3.5
4.5
V
f0
resonance frequency
note 3
4.266
4.286
4.306
MHz
B
bandwidth
241
268
295
kHz
Demodulator
Vtd
tuning voltage; pin 8
3.5
4.8
V
VO(p-p)
output voltage amplitude
(peak-to-peak value); pin 9
100/75 colour bar
0.97
1.05
1.13
V
VO(p-p)
output voltage amplitude
(peak-to-peak value); pin 10
100/75 colour bar
1.23
1.33
1.43
V
NLE
non-linearity error
100/75 colour bar;
note 4
−−
3%
−(B−Y)/−(R−Y) ratio of −(B−Y) and −(R−Y)
1.23
1.27
1.32
fbe−(R−Y)
black-level error
−(R−Y)
note 5
−−
5
kHz
fbe−(B−Y)
black-level error
−(B−Y)
note 5
−−
7
kHz
VO
output voltage level during
blanking
2.8
V
BO
output bandwidth
1.3
MHz
S/N
signal-to-noise ratio
note 6
40
−−
dB
fp
pole-frequency LF
de-emphasis
77
85
93
kHz
fp/f0
ratio of pole and zero
frequency
3
Vrh(p-p)
residual harmonic voltage
(peak-to-peak value)
−−
10
mV
ZO(e)
output impedance SECAM
enabled
pin 1 HIGH
−−
600
ZO(d)
output impedance SECAM
disabled
pin 1 LOW
1
−−
M


Numéro de pièce similaire - TDA8395

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8390 PHILIPS-TDA8390 Datasheet
664Kb / 16P
   PAL DECODER AND RGB MATRIX
fEBRUARY 1989
TDA8391 PHILIPS-TDA8391 Datasheet
872Kb / 15P
   One-chip PAL decoder and RGB matrix
February 1992
More results

Description similaire - TDA8395

FabricantNo de pièceFiches techniqueDescription
logo
Integral Corp.
ILA8395N INTEGRAL-ILA8395N Datasheet
201Kb / 7P
   SECAM decoder
logo
List of Unclassifed Man...
TDA8490 ETC1-TDA8490 Datasheet
605Kb / 9P
   SECAM DECODER
logo
KODENSHI_AUK CORP.
KKA8395N KODENSHI-KKA8395N Datasheet
242Kb / 7P
   SECAM decoder
logo
TEMIC Semiconductors
U4935B TEMIC-U4935B Datasheet
183Kb / 16P
   SECAM Decoder
logo
Sony Corporation
CXA1214P SONY-CXA1214P Datasheet
562Kb / 14P
   SECAM COLOR DECODER
logo
Panasonic Semiconductor
AN5637 PANASONIC-AN5637 Datasheet
102Kb / 11P
   SECAM decoder IC
logo
Mitsubishi Electric Sem...
M52325AP MITSUBISHI-M52325AP Datasheet
80Kb / 13P
   SECAM DECODER(LINEAR INTEGRATED CIRCUIT)
logo
Asahi Kasei Microsystem...
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Integral Corp.
ILA8395 INTEGRAL-ILA8395 Datasheet
77Kb / 2P
   ICs for TV-SETS SECAM Decoder
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com