Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8380 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA8380
Description  Control circuit for switched mode power supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8380 Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA8380 Datasheet HTML 1Page - NXP Semiconductors TDA8380 Datasheet HTML 2Page - NXP Semiconductors TDA8380 Datasheet HTML 3Page - NXP Semiconductors TDA8380 Datasheet HTML 4Page - NXP Semiconductors TDA8380 Datasheet HTML 5Page - NXP Semiconductors TDA8380 Datasheet HTML 6Page - NXP Semiconductors TDA8380 Datasheet HTML 7Page - NXP Semiconductors TDA8380 Datasheet HTML 8Page - NXP Semiconductors TDA8380 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
November 1993
5
Philips Semiconductors
Product specification
Control circuit for switched mode power supplies
TDA8380A
FUNCTIONAL DESCRIPTION
The TDA8380A is a control circuit which generates the pulses required to drive the switching transistor in a switched
mode power supply (SMPS).
Supply
This device is intended to be used on the primary side of the power supply and can be supplied via a take-over (auxiliary)
winding on the transformer.
The device is initialized via a high value resistor connected between the rectified mains voltage and the device’s supply
pin (pin 5), which causes the capacitor connected to this pin to charge slowly. When the voltage exceeds the initialization
level (typically 17 V) the device will start up and the duty cycle will be slowly increased by the slow-start circuit. After a
short period the take-over winding will supply the device. The value of the resistor is normally defined by the time taken
to charge the capacitor.
A one second delay between switching on and operation of the power supply is acceptable in most cases.
The operating voltage range is from 9 to 20 V. The supply pin is protected by a 23 V Zener diode. The supply protection
circuit is activated once the Zener diode is conducting. The slow-start procedure begins after initialization, until then the
output is off. The current drawn by the device during the initialization period is less than 150
µA.
When the supply voltage falls below the minimum trip level, the device switches off and the start-up procedure is
repeated. The minimum voltage supply threshold setting (VCCmin) can be set externally with a resistor connected between
the VCCmin pin (pin 4) and ground (pin 14) (see Fig.3).
VCCmin can be set between 8.4 V (an internally fixed overriding protection level) and 17 V by means of an external resistor
connected to pin 4.
When choosing the initialization and minimum supply voltages the following should be taken into account:
• The difference between the two voltages should be large enough to enable a supply voltage dip during start-up.
• The value of the minimum supply voltage should be high enough to ensure that the high-voltage transistor is correctly
driven. A high protection level makes it possible to have a large resistor value in series with the base drive.
For battery line input operation, the VCCmin pin is connected to VCC, the start-up circuit is then inhibited and the device
starts operating when VCC exceeds the 8.4 V protection level (this level has a hysteresis of approximately 50 mV). The
device draws current continuously under these conditions.
Fig.3 Trip level setting of minimum VCC protection level.


Numéro de pièce similaire - TDA8380

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8385 PHILIPS-TDA8385 Datasheet
199Kb / 21P
   Control circuit for a Self-Oscillating Power Supply SOPS
March 1994
More results

Description similaire - TDA8380

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
Siemens Semiconductor G...
TDA4601 SIEMENS-TDA4601 Datasheet
810Kb / 28P
   Control ICs for Switched-Mode Power Supplies
logo
NXP Semiconductors
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
   Control circuit for switched-mode power supply
August 1982
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
   SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
   Switched-mode power supply control circuit
1994 Aug 31
NE5560 PHILIPS-NE5560 Datasheet
240Kb / 16P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Siemens Semiconductor G...
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com