Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8349 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce TDA8349
Description  Multistandard IF amplifier and demodulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8349 Fiches technique(HTML) 2 Page - NXP Semiconductors

  TDA8349 Datasheet HTML 1Page - NXP Semiconductors TDA8349 Datasheet HTML 2Page - NXP Semiconductors TDA8349 Datasheet HTML 3Page - NXP Semiconductors TDA8349 Datasheet HTML 4Page - NXP Semiconductors TDA8349 Datasheet HTML 5Page - NXP Semiconductors TDA8349 Datasheet HTML 6Page - NXP Semiconductors TDA8349 Datasheet HTML 7Page - NXP Semiconductors TDA8349 Datasheet HTML 8Page - NXP Semiconductors TDA8349 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
February 1991
2
Philips Semiconductors
Product specification
Multistandard IF amplifier and
demodulator
TDA8349A
GENERAL DESCRIPTION
The TDA8349A is a multistandard IF amplifier and demodulator with AGC and AFC functions for television receivers.
The device has a video recognition circuit and a video switch for internal or external video for full SCART applications.
FEATURES
• Full-range gain-controlled wideband IF amplifier up to 60 MHz
• Wide-band video amplifier with good linearity and a class AB output stage to ensure a very low output impedance
• Supply independent video output level
• Small second harmonic IF output
• AGC circuit which operates on top sync level (negative modulation) or on white level (positive modulation) or on top
level (MAC) with reduced sensitivity for high sound carriers
• AFC circuit with an internal 90° phase shift circuit, a sample-and-hold circuit for negatively modulated signals to reduce
video dependent AFC information and an analog or digital output
• Video recognition possibility based on horizontal pulse duty cycles
• Video switch for selection of internal or external video signals
• Wide supply voltage range and ripple rejection
• Requires few external components
• Tuner AGC output for npn and pnp tuners
QUICK REFERENCE DATA
ORDERING AND PACKAGE INFORMATION
Note
1. SOT146-1; 1996 November 29.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V14-17
supply voltage (pin 14)
10.2
12
13.2
V
I14
supply current (pin 14)
Vi = 10 mV
40
55
65
mA
V1-2(RMS)
IF input sensitivity (RMS value)
50
80
µV
Gv
IF gain control range
66
72
dB
V11-17(p-p)
video output voltage (peak-
to-peak value)
1.7
1.9
2.1
V
S/N
signal-to-noise ratio
Vi =10mV
54
61
dB
V8-17(p-p)
AFC output voltage swing
(peak-to-peak value)
10
11
V
EXTENDED
TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA8349A
20
DIL
plastic
SOT146(1)


Numéro de pièce similaire - TDA8349

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
TDA8341 PHILIPS-TDA8341 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
More results

Description similaire - TDA8349

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
NXP Semiconductors
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
logo
NXP Semiconductors
TDA2549 PHILIPS-TDA2549 Datasheet
83Kb / 9P
   I.F. amplifier and demodulator for multistandard TV receivers
April 1985
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com