Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8050A Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA8050A
Description  QPSK transmitter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8050A Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA8050A Datasheet HTML 1Page - NXP Semiconductors TDA8050A Datasheet HTML 2Page - NXP Semiconductors TDA8050A Datasheet HTML 3Page - NXP Semiconductors TDA8050A Datasheet HTML 4Page - NXP Semiconductors TDA8050A Datasheet HTML 5Page - NXP Semiconductors TDA8050A Datasheet HTML 6Page - NXP Semiconductors TDA8050A Datasheet HTML 7Page - NXP Semiconductors TDA8050A Datasheet HTML 8Page - NXP Semiconductors TDA8050A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1999 Nov 05
5
Philips Semiconductors
Product specification
QPSK transmitter
TDA8050A
FUNCTIONAL DESCRIPTION
The I and Q signals are balanced analog signals of
400 mV (p-p). These are mixed by two double balanced
mixers with the output signal generated by a first local
oscillator, to provide the modulated signal.
The modulated signal is then filtered by an IF filter. This
filtered signal, together a signal generated by a second
local oscillator, is converted by a balanced mixer to
produce the QPSK signal.
The QPSK signal is amplified by a gain controlled output
amplifier to a level suitable for transmission. The gain of
the amplifier is bus controlled and this amplifier can be
disabled when not transmitting, to provide signal
attenuation.
The amplified signal is applied to an on-chip amplifier with
two balanced outputs (open collector) connected to two
off-chip resistors (values 150
Ω), in turn connected to 9 V.
The balanced outputs drive a 2 : 1 transformer (Siemens
V944) loaded with 75
Ω, which gives an output level of
55 dBmV. The output frequency range of the transmitter is
5 to 65 MHz.
The frequency of the first local oscillator operates at twice
the frequency (i.e. 280 MHz), fixed by a PLL implemented
in the circuit.
The frequency of the second local oscillator operates in the
145 to 205 MHz bandwidth and can be programmed
through the PLL implemented in the circuit.
The VCOs of both the first and second local oscillators
need an external LC tank circuit with two varicap diodes.
The data sent to the PLL is loaded in bursts framed by
signal EN. Programming rising clock edges and their
appropriate data bits are ignored until EN goes active
(LOW). The internal latches are updated with the latest
programming data when EN returns to inactive (HIGH).
Only the last 14 bits are stored in the programming
register.
No check is made on the number of clock pulses received
during the time that programming is enabled. If EN goes
high while CLK is still LOW, a wrong active clock edge will
be generated, causing a shift of the data bits. At power up,
EN should be HIGH. The lock detector output LOCK is
HIGH when both PLLs are in lock.
The main divider ratio and the reference divider ratios are
provided via the serial bus. A control register controls the
Digital-to-Analog-Converter (DAC), the output amplifier
and the charge pump currents (see Tables 1, 2 and 3).
TDA8050A
FCE434
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OUTEN
BUF_OUT
BUF_OUTC
AGND2
I_IN
I_INC
Q_IN
Q_INC
AGND1
TKAMOD
TKBMOD
CP_MOD
DVCC
CLK
SW_CAP
RF_INC
RF_IN
AVCC2
RF_OUTC
AVCC1
RF_OUT
IF_FILTC
IF_FILT
LOCK
TKACONV
TKBCONV
TUNECONV
CP_CONV
DATA
DGND
OSC_IN
EN
Fig.2 Pin configuration.


Numéro de pièce similaire - TDA8050A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8050 PHILIPS-TDA8050 Datasheet
127Kb / 24P
   TDA8046H
1999 Dec 14
TDA8050T PHILIPS-TDA8050T Datasheet
127Kb / 24P
   TDA8046H
1999 Dec 14
More results

Description similaire - TDA8050A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA7790M SANYO-LA7790M Datasheet
174Kb / 14P
   QPSK Transmitter for Cable TV
logo
BOWEI Integrated Circui...
QHP-01 BOWEI-QHP-01 Datasheet
142Kb / 1P
   QPSK Modulator
logo
Motorola, Inc
MC145750 MOTOROLA-MC145750 Datasheet
299Kb / 12P
   QPSK Encoder
logo
NXP Semiconductors
TDA8051 PHILIPS-TDA8051 Datasheet
131Kb / 24P
   QPSK receiver
1999 Aug 20
logo
Mini-Circuits
ZMQ-1050 MINI-ZMQ-1050 Datasheet
206Kb / 1P
   QPSK Modulator
QMC-1050 MINI-QMC-1050 Datasheet
186Kb / 1P
   QPSK Modulator
REV. OR
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
   Digital QPSK Demodulator
Jul 2004
logo
Intersil Corporation
HSP50307 INTERSIL-HSP50307 Datasheet
48Kb / 8P
   Burst QPSK Modulator
HSP50306 INTERSIL-HSP50306 Datasheet
37Kb / 8P
   Digital QPSK Demodulator
logo
Skyworks Solutions Inc.
SKY77737 SKYWORKS-SKY77737 Datasheet
98Kb / 2P
   QPSK, 16QAM modulations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com