Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8000 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce TDA8000
Description  Smart card interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8000 Fiches technique(HTML) 4 Page - NXP Semiconductors

  TDA8000 Datasheet HTML 1Page - NXP Semiconductors TDA8000 Datasheet HTML 2Page - NXP Semiconductors TDA8000 Datasheet HTML 3Page - NXP Semiconductors TDA8000 Datasheet HTML 4Page - NXP Semiconductors TDA8000 Datasheet HTML 5Page - NXP Semiconductors TDA8000 Datasheet HTML 6Page - NXP Semiconductors TDA8000 Datasheet HTML 7Page - NXP Semiconductors TDA8000 Datasheet HTML 8Page - NXP Semiconductors TDA8000 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1996 Dec 12
4
Philips Semiconductors
Product specification
Smart card interface
TDA8000; TDA8000T
PINNING
SYMBOL PIN
DESCRIPTION
XTAL
1
crystal connection
I/O2
2
data line to/from the card
I/O1
3
data line to/from the card
RST
4
card reset output
CLK
5
clock output to the card
PSEL1
6
programming voltage selection input (see Table 1)
PSEL2
7
programming voltage selection input (see Table 1)
PRES
8
card presence contact input (active LOW)
PRES
9
card presence contact input (active HIGH)
VPP
10
card programming voltage output
VH
11
high voltage supply for VPP generation
GND
12
ground
VDD
13
positive supply voltage
VCC
14
card supply output voltage
VSUP
15
voltage supervisor input
DELAY
16
external capacitor connection for delayed reset timing
ALARM
17
open-collector reset output for the microcontroller (active
HIGH)
ALARM
18
open-collector reset output for the microcontroller (active
LOW)
OFF
19
interrupt output to the microcontroller (active LOW)
START
20
microcontroller input for starting session (active LOW)
WRITE
21
control input for applying programming voltage to the card
(active LOW)
CVNC
22
internally generated 5 V reference, present when VDD is
on; to be decoupled externally (47 nF)
CLKDIV
23
input for dividing/not dividing the CLKOUT frequency by
two (active LOW)
CLKIN
24
external clock signal input
CLKOUT
25
clock output to the microcontroller, or another TDA8000
RSTIN
26
card reset input from the microcontroller (active HIGH)
I/O2(
µC)
27
data line to/from the microcontroller; must not be left
open-circuit, tie to CVNC if not used
I/O1(
µC)
28
data line to/from the microcontroller; must not be left
open-circuit, tie to CVNC if not used
Fig.2 Pin configuration.
fpage
TDA8000
TDA8000T
MBH809
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
XTAL
I/O2
I/O1
RST
CLK
PSEL1
PSEL2
PRES
PRES
VPP
VDD
VCC
VH
GND
I/O1(
µC)
I/O2(
µC)
RSTIN
CLKOUT
CLKIN
CLKDIV
CVNC
WRITE
START
OFF
ALARM
ALARM
DELAY
VSUP


Numéro de pièce similaire - TDA8000

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8001 PHILIPS-TDA8001 Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001A PHILIPS-TDA8001A Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001AT PHILIPS-TDA8001AT Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001T PHILIPS-TDA8001T Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
More results

Description similaire - TDA8000

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
   Smart Card Interface
Rev 1; 4/13
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
   Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
   Smart Card Interface
Rev 2; 2/12
logo
NXP Semiconductors
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
   Smart Card Interface
Rev 1; 5/09
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
   Smart Card Interface
April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com