Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7057AQ Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA7057AQ
Description  2 x 8 W stereo BTL audio output amplifier with DC volume control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7057AQ Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA7057AQ Datasheet HTML 1Page - NXP Semiconductors TDA7057AQ Datasheet HTML 2Page - NXP Semiconductors TDA7057AQ Datasheet HTML 3Page - NXP Semiconductors TDA7057AQ Datasheet HTML 4Page - NXP Semiconductors TDA7057AQ Datasheet HTML 5Page - NXP Semiconductors TDA7057AQ Datasheet HTML 6Page - NXP Semiconductors TDA7057AQ Datasheet HTML 7Page - NXP Semiconductors TDA7057AQ Datasheet HTML 8Page - NXP Semiconductors TDA7057AQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1998 Apr 07
5
Philips Semiconductors
Product specification
2
× 8 W stereo BTL audio output amplifier
with DC volume control
TDA7057AQ
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Power dissipation
Assume VP = 12 V and RL =16 Ω. The maximum sine wave dissipation is 2 × 1.8 W = 3.6 W.
At Tamb(max) =60 °C:
Rth tot = (150 − 60)/3.6 = 25 K/W.
Rth tot =Rth j-c +Rth c-hs +Rth hs.
Rth c-hs +Rth hs =25 − 4 = 21 K/W.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
18
V
IORM
repetitive peak output current
1.25
A
IOSM
non-repetitive peak output current
1.5
A
Ptot
total power dissipation
Tcase <60 °C
22.5
W
Tamb
operating ambient temperature
−40
+85
°C
Tstg
storage temperature
−55
+150
°C
Tvj
virtual junction temperature
150
°C
tsc
short-circuit time
1hr
Vn
input voltage pins 1, 3, 5 and 7
5V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
thermal resistance from junction to case
4
K/W
Rth j-a
thermal resistance from junction to ambient in free air
40
K/W


Numéro de pièce similaire - TDA7057AQ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
More results

Description similaire - TDA7057AQ

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7053A PHILIPS-TDA7053A Datasheet
117Kb / 16P
   Stereo BTL audio output amplifier with DC volume control
1997 Jul 15
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A_15 Datasheet
268Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com