Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3-PPG1-01-N1 Fiches technique(PDF) 2 Page - Cree, Inc

No de pièce LM3-PPG1-01-N1
Description  SMD LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

LM3-PPG1-01-N1 Fiches technique(HTML) 2 Page - Cree, Inc

  LM3-PPG1-01-N1 Datasheet HTML 1Page - Cree, Inc LM3-PPG1-01-N1 Datasheet HTML 2Page - Cree, Inc LM3-PPG1-01-N1 Datasheet HTML 3Page - Cree, Inc LM3-PPG1-01-N1 Datasheet HTML 4Page - Cree, Inc LM3-PPG1-01-N1 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
2
CLD-CT56.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Standard Bins for LM3-PPG-0-N (I
F = 20 mA)
Lamps are sorted to luminous intensity (I
V) and chromaticity coordiates (x,y) bins shown.
Orders for LM3-PPG1-01-N1 may be filled with any or all bins contained as below.
All luminous intensity (I
V) and chromaticity coordinates (x,y) values shown and specified are at IF = 20 mA.
V2 or
above
V1
U2
U1
Important Notes:
All ranks will be included per delivery; rank ratio will be based on the dice distribution.
Tolerance of measurement of luminous intensity is ±10%.
Tolerance of measurement of the dominant wavelength is ±1 nm.
Tolerance of measurement of V
F is ±0.05 V.
Packaging methods are available for selection; please refer to the “Cree LED Lamp Packaging Standard” docu-
ment.
Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.
Do not handle the device by the SMD surface. Care must be taken to avoid damage to the SMD surface or the
interior of the device, which can be damaged by excessive force to the SMD surface.
1.
2.
3.
4.
5.
6.
7.
8.
520 nm
540 nm
Dominant Wavelength (λ
D)
900 mcd
710 mcd
560 mcd
450 mcd


Numéro de pièce similaire - LM3-PPG1-01-N1

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
LM3-PBG1-01-N1 CREE-LM3-PBG1-01-N1 Datasheet
323Kb / 5P
   SMD LED
LM3-PBL1-01-N1 CREE-LM3-PBL1-01-N1 Datasheet
338Kb / 5P
   SMD LED
More results

Description similaire - LM3-PPG1-01-N1

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com