Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA6108JF Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA6108JF
Description  Triple video output amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6108JF Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA6108JF Datasheet HTML 7Page - NXP Semiconductors TDA6108JF Datasheet HTML 8Page - NXP Semiconductors TDA6108JF Datasheet HTML 9Page - NXP Semiconductors TDA6108JF Datasheet HTML 10Page - NXP Semiconductors TDA6108JF Datasheet HTML 11Page - NXP Semiconductors TDA6108JF Datasheet HTML 12Page - NXP Semiconductors TDA6108JF Datasheet HTML 13Page - NXP Semiconductors TDA6108JF Datasheet HTML 14Page - NXP Semiconductors TDA6108JF Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1999 Oct 29
11
Philips Semiconductors
Product specification
Triple video output amplifier
TDA6108JF
TEST AND APPLICATION INFORMATION
handbook, full pagewidth
MGL321
2 M
C1
1
9
1
J1
22
µF
22 nF
C2
4
probe 1
R1
100 k
R2
6.8 pF
C10
20 nF
C7
10
µF
C8
3.2 pF
C9
136 pF
C11
VIP
REFERENCE
Vi(1)
Vof
Iom
Voc(1)
VDD
Ri
Rf
Ra
2 M
C3
2
6
8
2
J2
22
µF
22 nF
C4
probe 2
R3
100 k
R4
6.8 pF
C13
3.2 pF
C12
136 pF
C14
Vi(2)
Vof
Iom
Voc(2)
Ri
Rf
Ra
2 M
C5
TDA6108JF
3
7
5
3
J3
22
µF
22 nF
C6
probe 3
R5
100 k
R6
4 V
6.8 pF
C16
3.2 pF
C15
136 pF
C17
Vi(3)
Vof
Iom
Vo(m)
Voc(3)
Ri
Rf
Ra
Fig.8 Test circuit.
Current sources J1, J2 and J3 are to be tuned so that Vo(c) of pins 9, 8 and 7 is set to 100 V.


Numéro de pièce similaire - TDA6108JF

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
More results

Description similaire - TDA6108JF

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
TDA6107AJF NXP-TDA6107AJF Datasheet
77Kb / 16P
   Triple video output amplifier
Rev. 02-28 April 2005
logo
Integral Corp.
ILA6107Q INTEGRAL-ILA6107Q Datasheet
151Kb / 5P
   Triple video output amplifier
logo
KODENSHI_AUK CORP.
KKA6107Q KODENSHI-KKA6107Q Datasheet
130Kb / 7P
   Triple video output amplifier
logo
Motorola, Inc
MHW3928 MOTOROLA-MHW3928 Datasheet
69Kb / 4P
   Triple Video Output Hybrid Amplifier
MHW3828 MOTOROLA-MHW3828 Datasheet
69Kb / 4P
   Triple Video Output Hybrid Amplifier
logo
National Semiconductor ...
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
   Triple, High Output, Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com