Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA5732M Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce TDA5732M
Description  Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5732M Fiches technique(HTML) 4 Page - NXP Semiconductors

  TDA5732M Datasheet HTML 1Page - NXP Semiconductors TDA5732M Datasheet HTML 2Page - NXP Semiconductors TDA5732M Datasheet HTML 3Page - NXP Semiconductors TDA5732M Datasheet HTML 4Page - NXP Semiconductors TDA5732M Datasheet HTML 5Page - NXP Semiconductors TDA5732M Datasheet HTML 6Page - NXP Semiconductors TDA5732M Datasheet HTML 7Page - NXP Semiconductors TDA5732M Datasheet HTML 8Page - NXP Semiconductors TDA5732M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1995 Mar 22
4
Philips Semiconductors
Preliminary specification
Low power VHF, UHF mixer/oscillator
for TV and VCR 2-band tuners
TDA5732M
PINNING
SYMBOL
PIN
DESCRIPTION
AOSCIB
1
band A oscillator input base
GND
2
ground (0 V)
AOSCOC
3
band A oscillator output collector
COSCIB1
4
band C oscillator input base 1
COSCOC1
5
band C oscillator output collector 1
COSCOC2
6
band C oscillator output collector 2
COSCIB2
7
band C oscillator input base 2
BS
8
electronic band switch input
IFGND
9
ground for IF inputs
IFOUT
10
IF amplifier output
IFIN1
11
IF amplifier input 1
IFIN2
12
IF amplifier input 2
VP
13
supply voltage
LOOUT1
14
local oscillator amplifier output 1
LOOUT2
15
local oscillator amplifier output 2
RFGND
16
ground for RF inputs
CIN1
17
band C input 1
CIN2
18
band C input 2
AIN1
19
band A input 1
AIN2
20
band A input 2
Fig.2 Pin configuration.
handbook, halfpage
TDA5732M
MBE390
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
BS
V
IFOUT
IFIN1
IFGND
IFIN2
COSCIB2
LOOUT1
COSCOC2
LOOUT2
COSCOC1
RFGND
COSCIB1
CIN1
AOSCOC
CIN2
GND
AIN1
AOSCIB
AIN2
P


Numéro de pièce similaire - TDA5732M

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5736M PHILIPS-TDA5736M Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5736T PHILIPS-TDA5736T Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5737 PHILIPS-TDA5737 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
More results

Description similaire - TDA5732M

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com