Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA5147CH Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TDA5147CH
Description  12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5147CH Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TDA5147CH Datasheet HTML 6Page - NXP Semiconductors TDA5147CH Datasheet HTML 7Page - NXP Semiconductors TDA5147CH Datasheet HTML 8Page - NXP Semiconductors TDA5147CH Datasheet HTML 9Page - NXP Semiconductors TDA5147CH Datasheet HTML 10Page - NXP Semiconductors TDA5147CH Datasheet HTML 11Page - NXP Semiconductors TDA5147CH Datasheet HTML 12Page - NXP Semiconductors TDA5147CH Datasheet HTML 13Page - NXP Semiconductors TDA5147CH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
1997 Jul 09
10
Philips Semiconductors
Preliminary specification
12 V Voice Coil Motor (VCM) driver and
spindle motor drive combination chip
TDA5147CH
ENABLE VCM DRIVERS
When VPCNTL equals VCC5, the VCM drivers are controlled
by VIPWMH and VIPWML. Their duty factor is converted to a
voltage at pin VFLTOUT. At a 100% duty factor the VFLTINP
voltage is approximately 1 V above Vrefout. At a 0% duty
factor the VFLTINP voltage is approximately 1 V below
Vrefout. At a 50% duty factor, the voltage level is equal to
Vrefout (typically 4 V). The VFLTINP voltage is amplified,
filtered and output at VFLTOUT. The voltage at VFLTOUT
varies between
±2 V about V
refout. The VFLTOUT voltage, in
conjunction with the sense resistor amplifier, drives the
two VCM drivers as illustrated in Fig.4. The equation
describing the transconductance from VFLTINP to Icoil is:
In a typical application:
The transconductance is variable by selecting external
resistors R2/R1 and sense resistors RS.
G
m
I
coil
V
VFLTINP
V
refout
--------------------------------------------
2I
coil
V
VFLTOUT
V
refout
()
-----------------------------------------------------
2
1
gain
-----------
R2
R1
--------
1
RS
-------- A/V
×
×
×
=
=
=
I
coil
V
FLTINP
V
refout
--------------------------------------------
2
4
---
6.6 k
10 k
------------------
×
1
0.33
-----------
×
1 A/V
=
=
Fig.4 Transconductance model.
handbook, full pagewidth
V1
V1
61
4R
R
R
4R
R
0.5 VCCV12
R
51
59
Vrefout
RS
60
57
Vrefout
45
R2
R1
R
4
Vrefout
BUFFER
PWM
DEC
R
3
2
1
MGG846
M
voice
coil
motor
ICOIL
VISENL
VCMN
VCMP
VISENH
VISENS1
VCMINP
VFLTINP
VIPWMH
VIPWML
VFLTOUT


Numéro de pièce similaire - TDA5147CH

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA5147K PHILIPS-TDA5147K Datasheet
154Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1996 Jul 26
More results

Description similaire - TDA5147CH

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA5147K PHILIPS-TDA5147K Datasheet
154Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1996 Jul 26
TDA5149G PHILIPS-TDA5149G Datasheet
148Kb / 28P
   12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
1996 May 06
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
   12V Spindle Motor and Voice Coil Motor Driver
KA2811C FAIRCHILD-KA2811C Datasheet
313Kb / 28P
   12V Spindle Motor and Voice Coil Motor Driver
logo
Panasonic Semiconductor
AN8420FBP PANASONIC-AN8420FBP Datasheet
1Mb / 27P
   Spindle/Voice Coil Motor Drive IC
logo
Fairchild Semiconductor
KA3120 FAIRCHILD-KA3120 Datasheet
782Kb / 43P
   SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
logo
Texas Instruments
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
[Old version datasheet]   VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Fairchild Semiconductor
FAN8621B FAIRCHILD-FAN8621B Datasheet
228Kb / 21P
   12V Spindle Motor and Voice Coil Motor Driver IC
logo
STMicroelectronics
L7207 STMICROELECTRONICS-L7207 Datasheet
58Kb / 3P
   Dual mode disk drive spindle and VCM motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com