Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA5141AT Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TDA5141AT
Description  Brushless DC motor drive circuit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5141AT Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TDA5141AT Datasheet HTML 5Page - NXP Semiconductors TDA5141AT Datasheet HTML 6Page - NXP Semiconductors TDA5141AT Datasheet HTML 7Page - NXP Semiconductors TDA5141AT Datasheet HTML 8Page - NXP Semiconductors TDA5141AT Datasheet HTML 9Page - NXP Semiconductors TDA5141AT Datasheet HTML 10Page - NXP Semiconductors TDA5141AT Datasheet HTML 11Page - NXP Semiconductors TDA5141AT Datasheet HTML 12Page - NXP Semiconductors TDA5141AT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
April 1994
9
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDA5141
AMP OUT (open collector)
Isink
output sink current
40
−−
mA
Vsat
saturation voltage
II = 40 mA
1.5
2.1
V
VO
output voltage
−0.5
+18
V
SR
slew rate
RL = 330 Ω; CL = 50 pF
60
mA/
µs
Gtr
transfer gain
0.3
−−
S
PG IN
VI
input voltage
−0.3
VP − 1.7
V
Ib
input bias current
−−
650
nA
RI
input resistance
5
30
k
VCWS
comparator switching level
86
107
mV
Vhys
comparator input hysteresis
−±8
mV
PG/FG (open collector)
VOL
LOW level output voltage
IO = 1.6 mA
−−
0.4
V
VOH(max)
maximum HIGH level output voltage
VP
−−
V
tTHL
HIGH-to-LOW transition time
CL = 50 pF; RL = 10 kΩ−
0.5
−µs
ratio of PG/FG frequency and
commutation frequency
1 : 2
δ
duty factor
50
%
tPL
pulse width LOW
after a PG IN pulse
5
7
30
µs
CAP-ST
Isink
output sink current
1.5
2.0
2.5
µA
Isource
output source current
−2.5
−2.0
−1.5
µA
VSWL
LOW level switching voltage
0.20
V
VSWH
HIGH level switching voltage
2.20
V
CAP-TI
Isink
output sink current
28
−µA
Isource
output source current
0.05 V < VCAP-TI < 0.3 V
−−57
−µA
0.3V<VCAP-TI < 2.2 V
−−5
−µA
VSWL
LOW level switching voltage
50
mV
VSWM
MIDDLE level switching voltage
0.30
V
VSWH
HIGH level switching voltage
2.20
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Numéro de pièce similaire - TDA5141AT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5140AT PHILIPS-TDA5140AT Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5142 PHILIPS-TDA5142 Datasheet
267Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5142T PHILIPS-TDA5142T Datasheet
267Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5143 PHILIPS-TDA5143 Datasheet
149Kb / 20P
   Brushless DC motor drive circuit
June 1994
More results

Description similaire - TDA5141AT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA5143T PHILIPS-TDA5143T Datasheet
149Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5146T PHILIPS-TDA5146T Datasheet
266Kb / 18P
   Brushless DC motor drive circuit
1994 May 18
TDA5240T PHILIPS-TDA5240T Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5142T PHILIPS-TDA5142T Datasheet
267Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5144 PHILIPS-TDA5144 Datasheet
231Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5145TS PHILIPS-TDA5145TS Datasheet
118Kb / 20P
   Brushless DC motor drive circuit
1998 Oct 27
TDA5241 PHILIPS-TDA5241 Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
TDF5140A PHILIPS-TDF5140A Datasheet
120Kb / 19P
   Brushless DC motor drive circuit
1999 March 15
TDA5145 PHILIPS-TDA5145 Datasheet
249Kb / 24P
   Brushless DC motor drive circuit
June 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24